Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7834 Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7834 Datasheet(HTML) 5 Page - Texas Instruments

  AMC7834_15 Datasheet HTML 1Page - Texas Instruments AMC7834_15 Datasheet HTML 2Page - Texas Instruments AMC7834_15 Datasheet HTML 3Page - Texas Instruments AMC7834_15 Datasheet HTML 4Page - Texas Instruments AMC7834_15 Datasheet HTML 5Page - Texas Instruments AMC7834_15 Datasheet HTML 6Page - Texas Instruments AMC7834_15 Datasheet HTML 7Page - Texas Instruments AMC7834_15 Datasheet HTML 8Page - Texas Instruments AMC7834_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
AMC7834
www.ti.com
SLAS972A – NOVEMBER 2014 – REVISED APRIL 2015
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
GPIO1
56
I/O
General-purpose digital I/Os. These pins are bidirectional open-drain, digital I/Os and
GPIO2
55
I/O
requires an external 10 k
Ω pullup resistor to a voltage no higher than AVDD. If unused, the
GPIO3
54
I/O
GPIO pins should be connected to ground.
GPIO4
53
I/O
IO supply voltage (1.7 V to 3.6 V). This pin sets the I/O operating voltage and threshold
IOVDD
12
levels.
PAVDD
41
Power supply for the PA_ON control signal (4 V to 20 V).
PA_ON is a synchronization signal capable of driving an external PMOS switch and
controlling the flow of drain current to a power amplifier (PA) transistor. The PA_ON pin has
an internal 120 k
Ω pull-up resistor to the PAVDD pin. The maximum output voltage is set by
the PAVDD pin and limited to 20 V. For drain voltages higher than 20 V, tying the PAVDD pin
PA_ON
40
O
to the AVDD pins and scaling the control signal externally is recommended. The PA_ON
signal state can be set through a register write but it can also be configured to trigger
automatically in the case of an ALARM event or when any of the SLEEP signals is
activated.
Reference compensation capacitor connection. Connect a 4.7
μF capacitor between this
REF_CMP
42
I/O
pin and the AGND4 pin for ADC reference compensation.
Reference input to the device. This pin can be connected to the REF_OUT pin to use the
REF_IN
20
I
device internal reference or alternatively to an external voltage reference source.
Internal voltage reference output. Connect this pin directly to the REF_IN pin to operate the
REF_OUT
21
O
device in internal reference mode. An external buffer amplifier with a high impedance input
is required to drive an external load. This pin can be left unconnected.
RESET
5
I
Active low reset input. Logic low on this pin causes the device to perform a hardware reset.
SCLK
7
I
Serial interface clock.
Serial interface data input. Data is clocked into the input shift register on each rising edge
SDI
9
I
of the SCLK pin.
Serial interface data output. The SDO pin is in high impedance when the CS pin is high.
SDO
10
O
Data is clocked out of the input shift register on each falling edge of the SCLK pin.
SENSE1+
39
I
Current sense 1 external sense resistor power connection
SENSE1–
38
I
Current sense 1 external sense resistor load connection
SENSE2+
37
I
Current sense 2 external sense resistor power connection
SENSE2–
36
I
Current sense 2 external sense resistor load connection
SENSE3+
34
I
Current sense 3 external sense resistor power connection
SENSE3–
33
I
Current sense 3 external sense resistor load connection
SENSE4+
32
I
Current sense 4 external sense resistor power connection
SENSE4–
31
I
Current sense 4 external sense resistor load connection
Active high asynchronous power down digital input 1. The power down functions of this pin
SLEEP1
3
I
are register configurable.
Active high asynchronous power down digital input 2. The power down functions of this pin
SLEEP2
4
I
are register configurable.
Power-on reset and clamp voltage control input for bipolar DACs 1 and 2. The resulting
power-on reset (POR) and clamp voltage value is given by Equation 1.
VCLAMP1
30
I
CLAMP = –3 × VCLAMP[1:2]
(1)
Power-on reset and clamp voltage control input for bipolar DACs 3 and 4. The resulting
VCLAMP2
29
I
POR and clamp voltage value is given by Equation 1.
The thermal pad is located on the bottom-side of the device package. The thermal pad
Thermal Pad
should be tied to the same potential as the AVSS pin for optimal thermal dissipation.
Alternatively, the thermal pad can be left unconnected.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AMC7834


Similar Part No. - AMC7834_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7834IRTQR TI1-AMC7834IRTQR Datasheet
4Mb / 93P
[Old version datasheet]   AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834IRTQT TI1-AMC7834IRTQT Datasheet
4Mb / 93P
[Old version datasheet]   AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
More results

Similar Description - AMC7834_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7834 TI1-AMC7834 Datasheet
4Mb / 93P
[Old version datasheet]   AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
logo
Analog Devices
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
   12-Bit Monitor and Control System
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
   12-Bit Monitor and Control System with Multichannel
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU_11 Datasheet
315Kb / 3P
   Power Control and Monitor System
RCP-MU MEANWELL-RCP-MU Datasheet
313Kb / 3P
   Power Control and Monitor System
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
682Kb / 45P
   12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Rev. PrB
logo
Texas Instruments
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com