Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7836 Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC7836
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7836 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC7836_15 Datasheet HTML 7Page - Texas Instruments AMC7836_15 Datasheet HTML 8Page - Texas Instruments AMC7836_15 Datasheet HTML 9Page - Texas Instruments AMC7836_15 Datasheet HTML 10Page - Texas Instruments AMC7836_15 Datasheet HTML 11Page - Texas Instruments AMC7836_15 Datasheet HTML 12Page - Texas Instruments AMC7836_15 Datasheet HTML 13Page - Texas Instruments AMC7836_15 Datasheet HTML 14Page - Texas Instruments AMC7836_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
AMC7836
www.ti.com
SLAS986B – NOVEMBER 2014 – REVISED FEBRUARY 2015
6.7 Electrical Characteristics — General Specifications
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 4.5 to 5.5 V, AVCC = 12 V, IOVVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, AVEE =
AVSSB = AVSSC = AVSSD = –12 V (for DAC groups in negative range) or 0 V (for DAC groups in positive ranges), DAC output
range = 0 to 10 V for all groups, no load on the DACs, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVSS DETECTOR
AVSS threshold detector (AVSSTH)
–3.5
–1.5
V
DIGITAL LOGIC: GPIO
High-level input voltage
IOVDD = 1.8 to 5.5 V
0.7 × IOVDD
V
IOVDD = 1.8 V
0.45
Low-level input voltage
V
IOVDD = 2.7 to 5.5 V
0.3 × IOVDD
IOVDD = 1.8 V, I(LOAD) = –2 mA
0.4
Low-level output voltage
V
IOVDD = 5.5 V, I(LOAD) = –5 mA
0.4
Input impedance
To IOVDD
48
k
Ω
DIGITAL LOGIC: ALL EXCEPT GPIO
High-level input voltage
IOVDD = 1.8 to 5.5 V
0.7 × IOVDD
V
IOVDD = 1.8 V
0.45
V
Low-level input voltage
IOVDD = 2.7 to 5.5 V
0.3 × IOVDD
V
High-level output voltage
I(LOAD) = –1 mA
IOVDD – 0.4
V
Low-level output voltage
I(LOAD) = 1 mA
0.4
V
High impedance leakage
±5
µA
High impedance output
10
pF
capacitance
POWER REQUIREMENTS
IAVDD
AVDD supply current
6
13.5
IAVCC
AVCC supply current
7.5
13.5
IAVSS
AVSS supply current
–13.5
–5
mA
No DAC load, all DACs at 800h code and ADC at
IAVEE
AVEE supply current
–3.5
–1.75
the fastest auto conversion rate
IDVDD
DVDD supply current
1
3
IIOVDD
IOVDD supply current
1.5
15
µA
Power consumption
215
mW
IAVDD
AVDD supply current
2.5
5
IAVCC
AVCC supply current
1
2.5
IAVSS
AVSS supply current
–5
-3
mA
IAVEE
AVEE supply current
Power-down mode
–3
–1.75
IDVDD
DVDD supply current
0.75
1.5
IIOVDD
IOVDD supply current
1.5
15
µA
Power consumption
90
mW
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC7836


Similar Part No. - AMC7836_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7836IPAP TI1-AMC7836IPAP Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836IPAPR TI1-AMC7836IPAPR Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
More results

Similar Description - AMC7836_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
[Old version datasheet]   AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com