Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38J82 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38J82
Description  DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC38J82 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC38J82 Datasheet HTML 3Page - Texas Instruments DAC38J82 Datasheet HTML 4Page - Texas Instruments DAC38J82 Datasheet HTML 5Page - Texas Instruments DAC38J82 Datasheet HTML 6Page - Texas Instruments DAC38J82 Datasheet HTML 7Page - Texas Instruments DAC38J82 Datasheet HTML 8Page - Texas Instruments DAC38J82 Datasheet HTML 9Page - Texas Instruments DAC38J82 Datasheet HTML 10Page - Texas Instruments DAC38J82 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 119 page
background image
DAC37J82, DAC38J82
www.ti.com
SLASE16B – JANUARY 2014 – REVISED MAY 2014
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Recommended operating junction temperature(1)
105
°C
TJ
Maximum rated operating junction temperature
125
°C
TA
Recommended free-air temperature
-40
25
85
°C
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate.
6.4 Thermal Information
DAC3xJ82
THERMAL CONDUCTIVITY(1)
UNIT
AAV (144 PINS)
RθJA
Theta junction-to-ambient (still air)
31.4
RθJB
Theta junction-to-board
12.6
RθJC
Theta junction-to-case, top
1.8
°C/W
ψJT
Psi junction-to-top of package
0.2
ψJB
Psi junction-to-bottom of package
12
(1)
Air flow or heat sinking reduces
θJA and may be required for sustained operation at 85° and maximum operating conditions.
6.5 DC Electrical Characteristics
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J82
DAC38J82
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
16
16
Bits
DC ACCURACY
DNL
Differential nonlinearity
±4
±4
LSB
1 LSB = IOUTFS/2
16
INL
Integral nonlinearity
±6
±6
LSB
ANALOG OUTPUT
Coarse gain linearity
±0.04
±0.04
LSB
Offset error
Mid code offset
±0.001
±0.001
%FSR
With external reference
±2
±2
Gain error
%FSR
With internal reference
±2
±2
Gain mismatch
With internal reference
±2
±2
%FSR
Full scale output current
20
30
20
30
mA
Output compliance range
–0.5
0.6
–0.5
0.6
V
Output resistance
300
300
k
Ω
Output capacitance
5
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
0.9
0.9
V
Reference output current(1)
100
100
nA
REFERENCE INPUT
VEXTIO
Input voltage range
External reference mode
0.1
0.9
1
0.1
0.9
1
V
Input resistance
1
1
M
Ω
Input capacitance
50
50
pF
TEMPERATURE COEFFICIENTS
Offset drift
±1
±1
Ppm/°C
With external reference
±15
±15
Gain drift
ppm/°C
With internal reference
±30
±30
Reference voltage drift
±8
±8
ppm/°C
(1)
Use an external buffer amplifier with high impedance input to drive any external load.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC37J82 DAC38J82


Similar Part No. - DAC38J82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38J82 TI1-DAC38J82 Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAV TI1-DAC38J82IAAV Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82IAAVR TI1-DAC38J82IAAVR Datasheet
2Mb / 122P
[Old version datasheet]   Digital-to-Analog Converters
DAC38J82 TI-DAC38J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

Similar Description - DAC38J82

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38J82 TI-DAC38J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
[Old version datasheet]   DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9207 AD-AD9207 Datasheet
252Kb / 5P
   12-Bit, 6 GSPS, JESD204B/C Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com