Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2624AD Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2624AD
Description  BRUSH LESS DC MOTOR PRE-DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2624AD Datasheet(HTML) 6 Page - New Japan Radio

  NJM2624AD Datasheet HTML 1Page - New Japan Radio NJM2624AD Datasheet HTML 2Page - New Japan Radio NJM2624AD Datasheet HTML 3Page - New Japan Radio NJM2624AD Datasheet HTML 4Page - New Japan Radio NJM2624AD Datasheet HTML 5Page - New Japan Radio NJM2624AD Datasheet HTML 6Page - New Japan Radio NJM2624AD Datasheet HTML 7Page - New Japan Radio NJM2624AD Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NJM2624A
- 6 -
s
TYPICAL APPLICATION
NJM2624A
H3+
F/R
V+
GND
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
H3-
H2+
H2-
H1+
H1-
ON/OFF
V
+
=Hall Sensors
s
TIMING CHART
7PIN =open (high)
Phase-U Input
Phase-W Input
Phase-V Input
Output ON/OFF
Control Voltage
11 Pin Output
12 Pin Output
13 Pin Output
16 Pin Output
15 Pin Output
14 Pin Output


Similar Part No. - NJM2624AD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2625 NJRC-NJM2625 Datasheet
79Kb / 8P
   PWM TYPE 3-PHASE DC BRUSHLESS MOTOR CONTOROL IC
NJM2625A NJRC-NJM2625A Datasheet
133Kb / 5P
   3-Phase DC Brushless Motor Pre-Drivers Technical Information
NJM2625D NJRC-NJM2625D Datasheet
79Kb / 8P
   PWM TYPE 3-PHASE DC BRUSHLESS MOTOR CONTOROL IC
NJM2625M NJRC-NJM2625M Datasheet
79Kb / 8P
   PWM TYPE 3-PHASE DC BRUSHLESS MOTOR CONTOROL IC
More results

Similar Description - NJM2624AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK984-091A-E ONSEMI-STK984-091A-E Datasheet
69Kb / 7P
   3-phase Brush-less DC Motor Driver IC
April, 2013
logo
Toshiba Semiconductor
TPD4104K TOSHIBA-TPD4104K Datasheet
406Kb / 24P
   DC brush less motor driver using high voltage PWM control
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
   Low voltage brush DC motor driver
November 2016 Rev 2
logo
Rohm
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
   36V 2ch DC Brush Motor Driver
BD6210F ROHM-BD6210F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6220F ROHM-BD6220F Datasheet
267Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com