Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C9V1W Datasheet(PDF) 4 Page - Micro Commercial Components

Part # BZX84C9V1W
Description  Silicon 200 mWatt Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZX84C9V1W Datasheet(HTML) 4 Page - Micro Commercial Components

  BZX84C9V1W Datasheet HTML 1Page - Micro Commercial Components BZX84C9V1W Datasheet HTML 2Page - Micro Commercial Components BZX84C9V1W Datasheet HTML 3Page - Micro Commercial Components BZX84C9V1W Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
www.mccsemi.com
BZX84C2V4W thru BZX84C39W
ZENER VOLTAGE V.S. ZENER CURRENT
TYPICAL LEAKGE CURRENT
90
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
NOMINAL ZENER VOLTAGE, Vlots
+150 C
O
+25 C
O
-55 C
O
12
100
10
1
0.1
0.01
10
8
6
4
2
0
ZENER VOLTAGE, Volts
T =25 C
A
o
100
10
1
0.1
0.0110
30
50
70
90
T =25 C
A
o
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT


Similar Part No. - BZX84C9V1W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C9V1W PANJIT-BZX84C9V1W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZX84C9V1W LUGUANG-BZX84C9V1W Datasheet
249Kb / 3P
   Zener Diode
logo
Diodes Incorporated
BZX84C9V1W DIODES-BZX84C9V1W Datasheet
59Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Yea Shin Technology Co....
BZX84C9V1W YEASHIN-BZX84C9V1W Datasheet
755Kb / 3P
   ZENER DIODE
logo
Diodes Incorporated
BZX84C9V1W DIODES-BZX84C9V1W Datasheet
103Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 13 - 2
More results

Similar Description - BZX84C9V1W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZX84C2V4W MCC-BZX84C2V4W_13 Datasheet
243Kb / 5P
   Silicon 200 mWatt Zener Diodes
BZX784C2V4 MCC-BZX784C2V4 Datasheet
336Kb / 3P
   Silicon 150 mWatt Zener Diodes
BZX784C10 MCC-BZX784C10 Datasheet
336Kb / 3P
   Silicon 150 mWatt Zener Diodes
BZX84C2V4 MCC-BZX84C2V4 Datasheet
126Kb / 4P
   Silicon 410 mWatt Zener Diodes
BZX84C2V4 MCC-BZX84C2V4_09 Datasheet
312Kb / 6P
   Silicon 350 mWatt Zener Diodes
BZX584B2V4 MCC-BZX584B2V4 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
BZX84C2V4 MCC-BZX84C2V4_14 Datasheet
383Kb / 6P
   Silicon 350 mWatt Zener Diodes
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
   350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
logo
Solid States Devices, I...
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
   3.3 ??200 VOLTS ZENER DIODES
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com