Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC161P997 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161P997
Description  DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161P997 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC161P997 Datasheet HTML 2Page - Texas Instruments DAC161P997 Datasheet HTML 3Page - Texas Instruments DAC161P997 Datasheet HTML 4Page - Texas Instruments DAC161P997 Datasheet HTML 5Page - Texas Instruments DAC161P997 Datasheet HTML 6Page - Texas Instruments DAC161P997 Datasheet HTML 7Page - Texas Instruments DAC161P997 Datasheet HTML 8Page - Texas Instruments DAC161P997 Datasheet HTML 9Page - Texas Instruments DAC161P997 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
DAC161P997
SNAS515G – JULY 2011 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VA = VD = 2.7 V to 3.6 V, TA = 25°C, external bipolar transistor:
2N3904, RE = 22Ω, C1 = C2 = C3 = 2.2 nF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
See(5)
GE
Gain Error
−0.22%
0.22%
FS
-40 to 105°C
Gain Error Temp. Coefficient
5
29 ppmFS/°C
DACCODE = 0x2AAA
4 mA Loop Current Error
−18
18
-40 to 105°C
DACCODE = 0xD555
20 mA Loop Current Error
−55
55
-40 to 105°C
µA
ERR_LOW = default
IERRL
LOW ERROR Current
3361
3375
3391
-40 to 105°C
ERR_HIGH = default
IERRH
HIGH ERROR Current
21702
21750
21817
-40 to 105°C
Long Term Drift — mean shift of
LTD
12 mA output current after 1000
90
ppmFS
hrs at 150°C
LOOP CURRENT OUTPUT (OUT)
Minimum tested at DACCODE =
Output Current
0x01C2(6)
0.18
24
mA
-40 to 105°C
Output Impedance
100
M
COMA to OUT voltage drop
IOUT = 24 mA
960
mV
BASE OUTPUT
BASE short circuit output current
BASE forced to COMA potential
10
mA
DYNAMIC CHARACTERISTICS
Output Noise Density
1 kHz
20
nA/
√Hz
Integrated Output Noise
1 Hz to 1 kHz band
300
nARMS
SWIF I/O CHARACTERISTICS
VIH
DIN
-40 to 105°C
0.7* VD
V
VIL
DIN
-40 to 105°C
0.3*VD
CDIN
DIN input capacitance
10
pF
I = 3 mA
VOH
DBACK
2216
-40 to 105°C
I = 5 mA
1783
-40 to 105°C
mV
I = 3 mA
VOL
DBACK
547
-40 to 105°C
I = 5 mA
1260
-40 to 105°C
TD
DIN to DBACK delay
8
ns
OPEN DRAIN OUTPUTS
I = 3 mA
550
-40 to 105°C
VOL
ACKB
mV
I = 5 mA
1370
-40 to 105°C
I = 300 µA
66
-40 to 105°C
VOL
ERRB
mV
I = 3 mA
602
-40 to 105°C
(5)
Here Gain Error is the difference in slope of the straight line defined by measured 4-mA and 20-mA points of transfer characteristic, and
that of the ideal characteristic.
(6)
This should be treated as the minimum LOOP current ensured specification.
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: DAC161P997


Similar Part No. - DAC161P997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997-DIE TI-DAC161P997-DIE Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
DAC161P997CISQ TI1-DAC161P997CISQ Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997CISQX TI1-DAC161P997CISQX Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
More results

Similar Description - DAC161P997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
[Old version datasheet]   DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
[Old version datasheet]   16-bit SPI Programmable DAC for 4-20mA Loops
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
logo
Texas Instruments
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
[Old version datasheet]   Single-Wire 16-Bit DAC
logo
Analog Devices
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com