Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520XR Datasheet(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG520XR
Description  NPN 9 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG520XR Datasheet(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG520XR_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520XR_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520XR_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520XR_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520XR_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520XR_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520XR_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520XR_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520XR_15 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
September 1995
10
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG520; BFG520/X; BFG520/XR
Fig.19 Common emitter reverse transmission coefficient (S12).
IC = 20 mA; VCE = 6 V.
handbook, full pagewidth
MRA680
0.25
0.20
0.15
0.10
0.05
180
°
−90°
−135°
−45°
0
°
45
°
90
°
135
°
3 GHz
40 MHz
Fig.20 Common emitter output reflection coefficient (S22).
IC = 20 mA; VCE = 6 V.
Zo =50 Ω.
handbook, full pagewidth
MRA681
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
3 GHz
40 MHz


Similar Part No. - BFG520XR_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG520XR_2015 JMNIC-BFG520XR_2015 Datasheet
123Kb / 13P
   NPN 9 GHz wideband transistor
More results

Similar Description - BFG520XR_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFR505T_2015 JMNIC-BFR505T_2015 Datasheet
116Kb / 16P
   NPN 9 GHz wideband transistor
BFS505_2015 JMNIC-BFS505_2015 Datasheet
95Kb / 12P
   NPN 9 GHz wideband transistor
BFG540W JMNIC-BFG540W_15 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistor
BFS520 JMNIC-BFS520_15 Datasheet
95Kb / 11P
   NPN 9 GHz wideband transistor
logo
NXP Semiconductors
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
   NPN 9 GHz wideband transistor
2000 May 30
BFR540 PHILIPS-BFR540 Datasheet
101Kb / 16P
   NPN 9 GHz wideband transistor
1999 Aug 23
BFR505 PHILIPS-BFR505 Datasheet
120Kb / 12P
   NPN 9 GHz wideband transistor
September 1995
BFR520T PHILIPS-BFR520T Datasheet
147Kb / 12P
   NPN 9 GHz wideband transistor
1999 Oct 18
BFS540 PHILIPS-BFS540 Datasheet
115Kb / 11P
   NPN 9 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFG540_2015 JMNIC-BFG540_2015 Datasheet
138Kb / 16P
   NPN 9 GHz wideband transistor
BFR520_2015 JMNIC-BFR520_2015 Datasheet
109Kb / 12P
   NPN 9 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com