Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG591 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG591
Description  NPN 7 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG591 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG591_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1995 Sep 04
6
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG591
f = 900 MHz; VCE =12V.
Fig.6
Gain as a function of collector current;
typical values.
handbook, halfpage
040
80
Gmax
I
C
(mA)
120
25
gain
(dB)
0
20
MGC795
15
10
5
GUM
f = 2 GHz; VCE =12V.
Fig.7
Gain as a function of collector current;
typical values.
handbook, halfpage
040
80
Gmax
GUM
I
C
(mA)
120
10
gain
(dB)
0
8
MGC794
6
4
2
IC = 70 mA; VCE =12V.
Fig.8
Gain as a function of frequency;
typical values.
handbook, halfpage
50
0
10
MGC796
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f (MHz)
G UM
G max
MSG


Similar Part No. - BFG591_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG591_2015 JMNIC-BFG591_2015 Datasheet
82Kb / 12P
   NPN 7 GHz wideband transistor
More results

Similar Description - BFG591_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
   NPN 7 GHz wideband transistor
1995 Sep 13
logo
Quanzhou Jinmei Electro...
BFG591_2015 JMNIC-BFG591_2015 Datasheet
82Kb / 12P
   NPN 7 GHz wideband transistor
BFQ591 JMNIC-BFQ591_15 Datasheet
77Kb / 12P
   NPN 7 GHz wideband transistor
logo
List of Unclassifed Man...
BFG741 ETC1-BFG741 Datasheet
78Kb / 1P
   NPN 7 GHz WIDEBAND TRANSISTOR
logo
Quanzhou Jinmei Electro...
BFQ591_2015 JMNIC-BFQ591_2015 Datasheet
77Kb / 12P
   NPN 7 GHz wideband transistor
logo
NXP Semiconductors
BFQ591 PHILIPS-BFQ591 Datasheet
72Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 PHILIPS-BFQ591 Datasheet
263Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 NXP-BFQ591 Datasheet
251Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFG591 PHILIPS-BFG591 Datasheet
106Kb / 12P
   NPN 7 GHz wideband transistor
1995 Sep 04
BFQ621 PHILIPS-BFQ621 Datasheet
108Kb / 10P
   NPN 7 GHz wideband transistor
1995 Sep 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com