Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC2902 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC2902
Description  Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC2902 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC2902_15 Datasheet HTML 2Page - Texas Instruments DAC2902_15 Datasheet HTML 3Page - Texas Instruments DAC2902_15 Datasheet HTML 4Page - Texas Instruments DAC2902_15 Datasheet HTML 5Page - Texas Instruments DAC2902_15 Datasheet HTML 6Page - Texas Instruments DAC2902_15 Datasheet HTML 7Page - Texas Instruments DAC2902_15 Datasheet HTML 8Page - Texas Instruments DAC2902_15 Datasheet HTML 9Page - Texas Instruments DAC2902_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DAC2902
6
SBAS167C
www.ti.com
TYPICAL CHARACTERISTICS
TA = +25°C, +VD = +3.3V, +VA = +5V, differential transformer coupled, IOUT = 20mA, 50Ω double-terminated load, and SFDR up to Nyquist, unless otherwise noted.
SFDR vs f
OUT AT 26MSPS
f
OUT (MHz)
90
85
80
75
70
65
60
4
26
8
10
12
0
0dBFS
–6dBFS
SFDR vs f
OUT AT 52MSPS
f
OUT (MHz)
90
85
80
75
70
65
60
10
515
20
25
0
0dBFS
–6dBFS
SFDR vs f
OUT AT 78MSPS
f
OUT (MHz)
85
80
75
70
65
60
55
10
5
15202530
35
0
0dBFS
–6dBFS
SFDR vs f
OUT AT 100MSPS
f
OUT (MHz)
85
80
75
70
65
60
55
50
10
5
15
20
25
303540
45
0
0dBFS
–6dBFS
TYPICAL DNL
Code
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
1k
500
1k5
2k
2k5
3k
3k5
4k
0
TYPICAL INL
Code
1.5
1
0.5
0
–0.5
–1
–1.5
1k
500
1k5
2k
2k5
3k
3k5
4k
0


Similar Part No. - DAC2902_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2902-EVM BURR-BROWN-DAC2902-EVM Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902Y BURR-BROWN-DAC2902Y Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902Y/1K TI1-DAC2902Y/1K Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902Y/1KG4 TI1-DAC2902Y/1KG4 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902Y/250 TI1-DAC2902Y/250 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC2902_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
[Old version datasheet]   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com