Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ591 Datasheet(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFQ591
Description  NPN 7 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFQ591 Datasheet(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFQ591_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ591_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ591_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ591_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ591_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ591_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ591_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ591_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFQ591_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2002 Feb 04
10
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFQ591
DATA SHEET STATUS
Notes
1. Please consult the most recently issued data sheet before initiating or completing a design.
2. The product status of the device(s) described in this data sheet may have changed since this data sheet was
published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
DATA SHEET STATUS(1)
PRODUCT
STATUS(2)
DEFINITIONS
Objective data
Development
This data sheet contains data from the objective specification for product
development. Philips Semiconductors reserves the right to change the
specification in any manner without notice.
Preliminary data
Qualification
This data sheet contains data from the preliminary specification.
Supplementary data will be published at a later date. Philips
Semiconductors reserves the right to change the specification without
notice, in order to improve the design and supply the best possible
product.
Product data
Production
This data sheet contains data from the product specification. Philips
Semiconductors reserves the right to make changes at any time in order
to improve the design, manufacturing and supply. Changes will be
communicated according to the Customer Product/Process Change
Notification (CPCN) procedure SNW-SQ-650A.
DEFINITIONS
Short-form specification
 The data in a short-form
specification is extracted from a full data sheet with the
same type number and title. For detailed information see
the relevant data sheet or data handbook.
Limiting values definition
 Limiting values given are in
accordance with the Absolute Maximum Rating System
(IEC 60134). Stress above one or more of the limiting
values may cause permanent damage to the device.
These are stress ratings only and operation of the device
at these or at any other conditions above those given in the
Characteristics sections of the specification is not implied.
Exposure to limiting values for extended periods may
affect device reliability.
Application information
 Applications that are
described herein for any of these products are for
illustrative purposes only. Philips Semiconductors make
no representation or warranty that such applications will be
suitable for the specified use without further testing or
modification.
DISCLAIMERS
Life support applications
 These products are not
designed for use in life support appliances, devices, or
systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips
Semiconductors customers using or selling these products
for use in such applications do so at their own risk and
agree to fully indemnify Philips Semiconductors for any
damages resulting from such application.
Right to make changes
 Philips Semiconductors
reserves the right to make changes, without notice, in the
products, including circuits, standard cells, and/or
software, described or contained herein in order to
improve design and/or performance. Philips
Semiconductors assumes no responsibility or liability for
the use of any of these products, conveys no licence or title
under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that
these products are free from patent, copyright, or mask
work right infringement, unless otherwise specified.


Similar Part No. - BFQ591_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFQ591_2015 JMNIC-BFQ591_2015 Datasheet
77Kb / 12P
   NPN 7 GHz wideband transistor
More results

Similar Description - BFQ591_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
   NPN 7 GHz wideband transistor
1995 Sep 13
logo
Quanzhou Jinmei Electro...
BFG591 JMNIC-BFG591_15 Datasheet
82Kb / 12P
   NPN 7 GHz wideband transistor
BFG591_2015 JMNIC-BFG591_2015 Datasheet
82Kb / 12P
   NPN 7 GHz wideband transistor
logo
List of Unclassifed Man...
BFG741 ETC1-BFG741 Datasheet
78Kb / 1P
   NPN 7 GHz WIDEBAND TRANSISTOR
logo
Quanzhou Jinmei Electro...
BFQ591_2015 JMNIC-BFQ591_2015 Datasheet
77Kb / 12P
   NPN 7 GHz wideband transistor
logo
NXP Semiconductors
BFQ591 PHILIPS-BFQ591 Datasheet
72Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 PHILIPS-BFQ591 Datasheet
263Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 NXP-BFQ591 Datasheet
251Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFG591 PHILIPS-BFG591 Datasheet
106Kb / 12P
   NPN 7 GHz wideband transistor
1995 Sep 04
BFQ621 PHILIPS-BFQ621 Datasheet
108Kb / 10P
   NPN 7 GHz wideband transistor
1995 Sep 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com