Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP20B Datasheet(PDF) 3 Page - Micro Commercial Components

Part # EGP20B
Description  2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EGP20B Datasheet(HTML) 3 Page - Micro Commercial Components

  EGP20B Datasheet HTML 1Page - Micro Commercial Components EGP20B Datasheet HTML 2Page - Micro Commercial Components EGP20B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
100
4
0
15
30
45
8
Cycles
2
6
10 20
60 80
40
60
75
90
Figure 4
Peak Forward Surge Current
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1Ω
50Ω
10Ω
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 5
Reverse Recovery Time Characteristic And Test Circuit Diagram
Amps
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
EGP20A thru EGP20K
MCC
www.mccsemi.com


Similar Part No. - EGP20B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP20B ZOWIE-EGP20B Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Fairchild Semiconductor
EGP20B FAIRCHILD-EGP20B Datasheet
271Kb / 6P
   2.0 A Glass-Passivated High-Efficiency Rectifiers
logo
Vishay Siliconix
EGP20B VISHAY-EGP20B Datasheet
78Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
EGP20B FAIRCHILD-EGP20B Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Vishay Siliconix
EGP20B VISHAY-EGP20B Datasheet
77Kb / 5P
   Glass Passivated Ultrafast Plastic Rectifier
Revision: 15-Aug-13
More results

Similar Description - EGP20B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
EGP20A MCC-EGP20A_08 Datasheet
144Kb / 5P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP10A MCC-EGP10A Datasheet
91Kb / 3P
   1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP30A MCC-EGP30A Datasheet
82Kb / 3P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP10A MCC-EGP10A_08 Datasheet
173Kb / 5P
   1.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
EGP30A MCC-EGP30A_08 Datasheet
144Kb / 5P
   3.0 Amp Glass Passivated High Efficient Rectifiers 50 to 800 Volts
HER201G MCC-HER201G Datasheet
311Kb / 2P
   Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
HER208G-TP MCC-HER208G-TP Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_13 Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_11 Datasheet
245Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
HER201G LUGUANG-HER201G Datasheet
1Mb / 2P
   2.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com