Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGL34K Datasheet(PDF) 1 Page - Micro Commercial Components

Part # EGL34K
Description  0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EGL34K Datasheet(HTML) 1 Page - Micro Commercial Components

  EGL34K Datasheet HTML 1Page - Micro Commercial Components EGL34K Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
Features
l
High Current Capability
l
Extremely Low Thermal Resistance
l
For Surface Mount Application
l
Higher Temp Soldering: 250
oC for 10 Seconds At Terminals
l
Minimelf Package
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance: 5
oC/W Junction to Lead
EGL34A
----
50V
35V
50V
EGL34B
----
100V
70V
100V
EGL34D
----
200V
140V
200V
EGL34G
----
400V
280V
400V
EGL34J
----
600V
420V
600V
EGL34K
----
800V
560V
800V
EGL34M
----
1000V
700V
1000V
Maximum
DC Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
EGL34A
THRU
EGL34M
0.5 Amp Super Fast
Recovery Rectifier
50 to 1000 Volts
Average Forward Current
IF(AV)
0.5A
TJ=75
oC
Peak Forward Surge
Current
IFSM
10.0A
8.3ms half sine
Maximum Instantaneous
Forward Voltage
EGL34A-D
EGL34G
EGL34J-M
V F
1.25
1.35
1.50
IFM=0.5A
TA=25
oC
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
5.0uA
50uA
TJ=25
oC
TJ=125
oC
Typical Junction
Capacitance
CJ
7.0pF
Measured at
1.0MHz,
V R=4.0V
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
A
B
C
Cathode Mark
www.mccsemi.com
MCC
Maximum Reverse
Recovery Time
Trr
50ns
IF=0.5A, IR=1.0A,
Irr=0.25A
75ns
EGL34A-G
EGL34J-M
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#


Similar Part No. - EGL34K

ManufacturerPart #DatasheetDescription
logo
Semikron International
EGL34K SEMIKRON-EGL34K Datasheet
201Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
logo
PACELEADER INDUSTRIAL
EGL34K PACELEADER-EGL34K Datasheet
179Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER
More results

Similar Description - EGL34K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RGL34A MCC-RGL34A Datasheet
352Kb / 2P
   0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_13 Datasheet
369Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR105 MCC-MUR105_11 Datasheet
338Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MUR105 PFS-MUR105 Datasheet
215Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR405-DO27 YFWDIODE-MUR405-DO27 Datasheet
294Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts    
MUR405 YFWDIODE-MUR405 Datasheet
70Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MUR105 MCC-MUR105 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR405 MCC-MUR405 Datasheet
91Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MUR405 PFS-MUR405 Datasheet
166Kb / 2P
   4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MUR105-DO41 YFWDIODE-MUR105-DO41 Datasheet
382Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com