Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER10B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # ER10B
Description  10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ER10B Datasheet(HTML) 2 Page - Micro Commercial Components

  ER10B Datasheet HTML 1Page - Micro Commercial Components ER10B Datasheet HTML 2Page - Micro Commercial Components ER10B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ER10A thru ER10G
MCC
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
8
10
12
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.6
.8
1.0
1.2
1.4
1.6
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25
°C
www.mccsemi.com


Similar Part No. - ER10B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER10B MCC-ER10B Datasheet
201Kb / 5P
   10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
logo
Microsemi Corporation
ER10B1 MICROSEMI-ER10B1 Datasheet
39Kb / 1P
   3 AMP ENCAPSULATED ASSEMBLIES
More results

Similar Description - ER10B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
   10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
MURF1005CT MCC-MURF1005CT Datasheet
121Kb / 2P
   10 Amp Isolation Super Fast Recovery Rectifier 50 to 400 Volts
ER6A MCC-ER6A Datasheet
80Kb / 2P
   6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
MURF805 MCC-MURF805 Datasheet
103Kb / 2P
   8 Amp Isolation Super Fast Recovery Rectifier 50 to 400 Volts
MUR1005FCT MCC-MUR1005FCT Datasheet
536Kb / 3P
   10 Amp Super Fast Recovery Rectifier 50 to 600 Volts
SF61 MCC-SF61 Datasheet
328Kb / 4P
   6.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
SF21-DO15 YFWDIODE-SF21-DO15 Datasheet
427Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21 YFWDIODE-SF21 Datasheet
381Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Gaomi Xinghe Electronic...
SF11 GXELECTRONICS-SF11 Datasheet
518Kb / 3P
   1.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Micro Commercial Compon...
SF11 MCC-SF11 Datasheet
93Kb / 3P
   1.0 Amp Super Fast Rectifier 50 to 400 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com