Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C33 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BZX84C33
Description  Silicon 410 mWatt Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZX84C33 Datasheet(HTML) 1 Page - Micro Commercial Components

  BZX84C33 Datasheet HTML 1Page - Micro Commercial Components BZX84C33 Datasheet HTML 2Page - Micro Commercial Components BZX84C33 Datasheet HTML 3Page - Micro Commercial Components BZX84C33 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZX84C2V4
THRU
BZX84C39
Silicon
410 mWatt
Zener Diodes
Features
l
Planar Die construction
l
410mW Power Dissipation
l
Zener Voltages from 2.4V - 39V
l
Ideally Suited for Automated Assembly Processes
.
Mechanical Data
l
Case: SOT-23, Plastic
l
Terminals: solderable per MIL-STD-202, Methode 208
l
Weight: 0.008 grams (approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Zener Current
IF
100
mA
Maximum Forward
Voltage
VF
1.2
V
Power Dissipation
(Note 1)
P(AV)
410
mWatt
Operation And
Storage
Temperature
TJ, TSTG
-55
oC to
+150
oC
Peak Foreard Surge
IFSM
2.0
A
www.mccsemi.com
MCC
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
Current 8.3mS half
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or
equivalent square wave, duty cycle = 4 pulses per
minute maximum.
*Pin Configuration - Top View


Similar Part No. - BZX84C33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C33 VISHAY-BZX84C33 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX84C33 ZSELEC-BZX84C33 Datasheet
132Kb / 3P
   350mW Silicon Planar Zener Diodes
logo
Shenzhen Jin Yu Semicon...
BZX84C33 HTSEMI-BZX84C33 Datasheet
712Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX84C33 CDIL-BZX84C33 Datasheet
111Kb / 4P
   SILIICON PLANAR VOLTAGE REGULATOR DIODE
logo
UN Semiconducctor INC
BZX84C33 UNSEMI-BZX84C33 Datasheet
3Mb / 7P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results

Similar Description - BZX84C33

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZX784C2V4 MCC-BZX784C2V4 Datasheet
336Kb / 3P
   Silicon 150 mWatt Zener Diodes
BZX784C10 MCC-BZX784C10 Datasheet
336Kb / 3P
   Silicon 150 mWatt Zener Diodes
BZX84C2V4 MCC-BZX84C2V4_09 Datasheet
312Kb / 6P
   Silicon 350 mWatt Zener Diodes
BZX84C2V4W MCC-BZX84C2V4W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
BZX584B2V4 MCC-BZX584B2V4 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
BZX84C2V4 MCC-BZX84C2V4_14 Datasheet
383Kb / 6P
   Silicon 350 mWatt Zener Diodes
BZX84C2V4W MCC-BZX84C2V4W_13 Datasheet
243Kb / 5P
   Silicon 200 mWatt Zener Diodes
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
   350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
   410 mW Zener Diodes 2.4 to 39 Volts
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com