Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV27UPE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMV27UPE
Description  20 V, P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV27UPE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMV27UPE_15 Datasheet HTML 1Page - NXP Semiconductors PMV27UPE_15 Datasheet HTML 2Page - NXP Semiconductors PMV27UPE_15 Datasheet HTML 3Page - NXP Semiconductors PMV27UPE_15 Datasheet HTML 4Page - NXP Semiconductors PMV27UPE_15 Datasheet HTML 5Page - NXP Semiconductors PMV27UPE_15 Datasheet HTML 6Page - NXP Semiconductors PMV27UPE_15 Datasheet HTML 7Page - NXP Semiconductors PMV27UPE_15 Datasheet HTML 8Page - NXP Semiconductors PMV27UPE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMV27UPE
20 V, P-channel Trench MOSFET
PMV27UPE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
15 May 2014
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
1
2
3
TO-236AB (SOT23)
017aaa259
G
D
S
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMV27UPE
TO-236AB
plastic surface-mounted package; 3 leads
SOT23
7. Marking
Table 4.
Marking codes
Type number
Marking code
[1]
PMV27UPE
%KD
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
-20
V
VGS
gate-source voltage
Tj = 25 °C
-8
8
V
VGS = -4.5 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-5.6
A
VGS = -4.5 V; Tamb = 25 °C
[1]
-
-4.5
A
ID
drain current
VGS = -4.5 V; Tamb = 100 °C
[1]
-
-2.8
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-18
A
Ptot
total power dissipation
Tamb = 25 °C
[2]
-
490
mW


Similar Part No. - PMV27UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV27UPEA NEXPERIA-PMV27UPEA Datasheet
861Kb / 16P
   20 V, P-channel Trench MOSFET
30 October 2015
logo
Shanghai Leiditech Elec...
PMV27UPEA LEIDITECH-PMV27UPEA Datasheet
2Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
More results

Similar Description - PMV27UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
logo
Nexperia B.V. All right...
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
   20 V, P-channel Trench MOSFET
13 October 2020
PMN40XPEA NEXPERIA-PMN40XPEA Datasheet
286Kb / 15P
   20 V, P-channel Trench MOSFET
7 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com