Electronic Components Datasheet Search |
|
MAX6503UKP125-T Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX6503UKP125-T Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 8 page Low-Cost, +2.7V to +5.5V, Micropower Temperature Switches in SOT23 and TO-220 4 _______________________________________________________________________________________ Pin Description 1, 2 1, 2 Ground. Not internally connected. Tie both ground pins togeth- er close to the chip. Pin 2 provides the lowest thermal resis- tance to the die. 1, 2 PIN 1, 2 GND 3 3 Hysteresis Input. Connect HYST to GND for +2°C hysteresis, or connect to VCC for +10°C hysteresis. 3 3 HYST 4 4 Supply Input (+2.7V to +5.5V) 5 — Open-Drain, Active-Low Output. TOVER goes low when the die temperature exceeds the factory-programmed temperature threshold. Connect to a 100k Ω pull-up resistor. May be pulled up to a voltage higher than VCC. — — TOVER 4 4 VCC — 5 Push-Pull Active-High Output. TOVER goes high when the die tem- perature exceeds the factory-programmed temperature threshold. — — Open-Drain, Active-Low Output. TUNDER goes low when the die temperature goes below the factory-programmed tempera- ture threshold. Connect to a 100k Ω pull-up resistor. May be pulled up to a voltage higher than VCC. 5 — TUNDER — — Push-Pull Active-High Output. TUNDER goes high when the die tem- perature falls below the factory-programmed temperature threshold. — 5 TUNDER — — TOVER MAX6502 MAX6501 MAX6503 MAX6504 NAME FUNCTION ________________General Description The MAX6501–MAX6504 fully integrated temperature switches incorporate two temperature-dependent refer- ences and a comparator. One reference exhibits a pos- itive temperature coefficient and the other a negative temperature coefficient (Figure 1). The temperature at which the two reference voltages are equal determines the temperature trip point. Pin-selectable +2°C or +10°C hysteresis keeps the output from oscillating when the die temperature approaches the threshold temperature. The MAX6501/MAX6503 have an active- low, open-drain output structure that can only sink cur- rent. The MAX6502/MAX6504 have an active-high, push-pull output structure that can sink or source cur- rent. The internal power-on reset circuit guarantees the output is at TTH = +25°C state at start-up for 50µs. The MAX6501–MAX6504 are available with factory- preset temperature thresholds from -45°C to +115°C in 10°C increments. Table 1 lists the available temperature threshold ranges. The MAX6501/MAX6503 outputs are intended to interface with a microprocessor (µP) reset input (Figure 2). The MAX6502/MAX6504 outputs are intended for applications such as driving a fan control (Figure 3). Hysteresis Input The HYST pin is a CMOS-compatible input that selects hysteresis at either a high level (+10°C for HYST = VCC) or a low level (+2°C for HYST = GND). Hysteresis pre- vents the output from oscillating when the temperature approaches the trip point. The HYST pin should not float. Drive HYST close to ground or VCC. Other input voltages cause increased supply current. The actual amount of hysteresis depends on the part’s pro- grammed trip threshold. (See the Typical Operating Characteristics graphs.) Table 1. Factory-Programmed Threshold Range +35°C < TTH < +115°C +35°C < TTH < +115°C THRESHOLD (TTH) RANGE -45°C < TTH < +15°C -45°C < TTH < +15°C MAX6503 MAX6504 MAX6501 MAX6502 PART |
Similar Part No. - MAX6503UKP125-T |
|
Similar Description - MAX6503UKP125-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |