Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6386XS23D2-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6386XS23D2-T
Description  SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6386XS23D2-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6386XS23D2-T Datasheet HTML 3Page - Maxim Integrated Products MAX6386XS23D2-T Datasheet HTML 4Page - Maxim Integrated Products MAX6386XS23D2-T Datasheet HTML 5Page - Maxim Integrated Products MAX6386XS23D2-T Datasheet HTML 6Page - Maxim Integrated Products MAX6386XS23D2-T Datasheet HTML 7Page - Maxim Integrated Products MAX6386XS23D2-T Datasheet HTML 8Page - Maxim Integrated Products MAX6386XS23D2-T Datasheet HTML 9Page - Maxim Integrated Products MAX6386XS23D2-T Datasheet HTML 10Page - Maxim Integrated Products MAX6386XS23D2-T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
a negative-going pulse applied to VCC, starting above the
actual reset threshold and ending below it by the magni-
tude indicated (reset comparator overdrive). The graph
indicates the typical maximum pulse width a negative-
going VCC transient may have without causing a reset
pulse to be issued. As the magnitude of the transient
increases (goes farther below the reset threshold), the
maximum allowable pulse width decreases. A 0.1µF
capacitor mounted as close as possible to VCC provides
additional transient immunity.
Ensuring a Valid RESET
Output Down to VCC = 0
The MAX6381–MAX6390 are guaranteed to operate
properly down to VCC = 1V. In applications that require
valid reset levels down to VCC = 0, a pulldown resistor to
active-low outputs (push/pull only, Figure 2) and a
pullup resistor to active-high outputs (push/pull only) will
ensure that the reset line is valid while the reset output
can no longer sink or source current. This scheme does
not work with the open-drain outputs of the
MAX6383/MAX6386/MAX6389/MAX6390. The resistor
value used is not critical, but it must be small enough
not to load the reset output when VCC is above the reset
threshold. For most applications, 100k
Ω is adequate.
SC70, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
_______________________________________________________________________________________
7
MAX6387
MAX6388
MAX6389
RESET IN
( ) IS FOR MAX6388
R1
R2
RESET
(RESET)
GND
VCC
VIN
MAX6381
MAX6384
MAX6387
VCC
R1
100k
RESET
GND
Figure 1. RESET IN Configuration
Figure 2. RESET Valid to VCC = Ground Circuit
PART
RESET
THRESHOLD
RESET TIMEOUT
46
44
31
29
26
23
22
17
MAX638_
16
D3
46
44
31
29
26
23
22
17
MAX6390
16
D4
Standard Versions
Reset Timeout Delay
SUFFIX
MIN
D1
1ms
D2
20ms
D3
140ms
D5
280ms
D6
560ms
D4
1120ms
D7
1200ms
MAX6390XSD4
1120/140ms *
MAX6390XSD7
1200/150ms *
* The MAX6390 has a 1120ms or 1200ms RESET timeout and a
140ms or 150ms manual reset timeout


Similar Part No. - MAX6386XS23D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6386XS MAXIM-MAX6386XS Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6386XS__D_+T MAXIM-MAX6386XS__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6386XS23D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com