Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV50XP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMV50XP
Description  20 V, P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV50XP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMV50XP_15 Datasheet HTML 3Page - NXP Semiconductors PMV50XP_15 Datasheet HTML 4Page - NXP Semiconductors PMV50XP_15 Datasheet HTML 5Page - NXP Semiconductors PMV50XP_15 Datasheet HTML 6Page - NXP Semiconductors PMV50XP_15 Datasheet HTML 7Page - NXP Semiconductors PMV50XP_15 Datasheet HTML 8Page - NXP Semiconductors PMV50XP_15 Datasheet HTML 9Page - NXP Semiconductors PMV50XP_15 Datasheet HTML 10Page - NXP Semiconductors PMV50XP_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NXP Semiconductors
PMV50XP
20 V, P-channel Trench MOSFET
PMV50XP
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
19 November 2014
7 / 15
VDS (V)
0
-5.00
-3.75
-1.25
-2.50
aaa-015510
-6
-3
-9
-12
ID
(A)
0
-4.5 V
-2.5 V
VGS = -2 V
-1.8 V
-1.5 V
-1.2 V
-3 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
017aaa850
-10-4
-10-5
-10-3
ID
(A)
-10-6
VGS (V)
0
-1.0
-0.8
-0.4
-0.6
-0.2
min
typ
max
Tj = 25 °C; VDS = -5 V
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage
ID (A)
0
-16
-12
-4
-8
aaa-015511
0.10
0.05
0.15
0.20
RDSon
0
-2.2 V
VGS = -4.5 V
-3 V
-2.4 V
-1.5 V
-1.6 V
-1.7 V
-1.8 V
-1.9 V
-2 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
VGS (V)
0
-8
-6
-2
-4
aaa-015512
0.10
0.05
0.15
0.20
RDSon
0
Tj = 150 °C
Tj = 25 °C
ID = -3.6 A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - PMV50XP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV50XPA NEXPERIA-PMV50XPA Datasheet
284Kb / 15P
   20 V, P-channel Trench MOSFET
13 January 2023
More results

Similar Description - PMV50XP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
logo
Nexperia B.V. All right...
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
   20 V, P-channel Trench MOSFET
13 October 2020
PMN40XPEA NEXPERIA-PMN40XPEA Datasheet
286Kb / 15P
   20 V, P-channel Trench MOSFET
7 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com