Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6502MA Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH6502MA
Description  LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6502MA Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6502MA Datasheet HTML 5Page - Texas Instruments LMH6502MA Datasheet HTML 6Page - Texas Instruments LMH6502MA Datasheet HTML 7Page - Texas Instruments LMH6502MA Datasheet HTML 8Page - Texas Instruments LMH6502MA Datasheet HTML 9Page - Texas Instruments LMH6502MA Datasheet HTML 10Page - Texas Instruments LMH6502MA Datasheet HTML 11Page - Texas Instruments LMH6502MA Datasheet HTML 12Page - Texas Instruments LMH6502MA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
-3
-2
-1
0
1
2
3
VCM (V)
-40
-30
-20
-10
0
10
20
30
-40°C
85°C
25°C
VS = ±5V
VG = VGMAX
25°C
-3
-2
-1
0
1
2
3
VCM (V)
100
110
120
130
140
150
160
170
-40°C
85°C
25°C
VS = ±5V
VG = VGMAX
25°C
-3
-2
-1
0
1
2
3
VCM (V)
-90
-80
-70
-60
-50
-40
-30
-40°C
85°C
25°C
VS = ±5V
VG = VGMAX
-1.5
-1
-0.5
0
0.5
1
1.5
VCM (V)
0
2
4
6
8
10
12
14
-40°C
85°C
25°C
VS = ±2.5V
VG = VGMAX
-3
-2
-1
0
1
2
3
VCM (V)
0
5
10
15
20
25
30
35
-40°C
25°C
85°C
25°C
VS = ±5V
VG = VGMAX
2
3
4
5
6
0
2
4
6
8
10
12
14
±SUPPLY VOLTAGE (V)
25°C
85°C
-40°C
VG = VG_MAX
VIN_DIFF = 0.1V
LMH6502
www.ti.com
SNOSA65D – OCTOBER 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VGMAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output.
AVMAX vs. Supply Voltage
Supply Current vs. VCM
Figure 21.
Figure 22.
Output Offset Voltage vs. VCM
Supply Current vs. VCM
(Typical Unit #1)
Figure 23.
Figure 24.
Output Offset Voltage vs. VCM
Output Offset Voltage vs. VCM
(Typical Unit #2)
(Typical Unit #3)
Figure 25.
Figure 26.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6502


Similar Part No. - LMH6502MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502MA NSC-LMH6502MA Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6502MAX NSC-LMH6502MAX Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results

Similar Description - LMH6502MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com