Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP92018 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP92018 Datasheet(HTML) 1 Page - Texas Instruments

  LMP92018_15 Datasheet HTML 1Page - Texas Instruments LMP92018_15 Datasheet HTML 2Page - Texas Instruments LMP92018_15 Datasheet HTML 3Page - Texas Instruments LMP92018_15 Datasheet HTML 4Page - Texas Instruments LMP92018_15 Datasheet HTML 5Page - Texas Instruments LMP92018_15 Datasheet HTML 6Page - Texas Instruments LMP92018_15 Datasheet HTML 7Page - Texas Instruments LMP92018_15 Datasheet HTML 8Page - Texas Instruments LMP92018_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Multiplexer
LMP92018
8
Temp. Sensor
Int/Ext
Ref
4
SPI
Interface
12
GPIO
REF
GPIO[11:0]
CSB
SCLK
DIN
DOUT
OUT3
OUT0
IN[7:0]
DRDYB
VGPIO
VIO
VDD
GND
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
LMP92018 Analog System Monitor and Controller
Check for Samples: LMP92018
1
FEATURES
APPLICATIONS
2
8 ANALOG VOLTAGE MONITORING
Communication Infrastructure
CHANNELS
System Monitoring and Control
10-Bit ADC with Programmable Input MUX
Industrial Monitoring and Control
Internal/External Reference
DESCRIPTION
Tolerates High-Source Impedance at Lower
LMP92018 is a complete analog monitoring and
Sampling Rates
control circuit which integrates an eight channel 10-bit
4 PROGRAMMABLE ANALOG VOLTAGE
Analog-to-Digital Converter (ADC), four 10-bit Digital-
OUTPUTS
to-Analog Converters (DACs), an internal reference,
Four 10-Bit DACs
an internal temperature sensor, a12-bit GPIO port,
and a 10MHz SPI interface.
Internal/External Reference
Drives Loads up to 1nF
The eight channels of the ADC can be used to
monitor rail voltages, current sense amplifier outputs,
VOLTAGE REFERENCE
health monitors or sensors while the four DACs can
User-Selectable Source: External or Internal
be used to control PA (Power Amplifier) bias points,
Internal Reference 2.5V
control actuators, potentiometers, etc.
TEMPERATURE SENSOR
Both the ADC and DACs can use either the internal
±2.5°C Accuracy
2.5V
reference
or
an
external
reference
independently allowing for flexibility in system design.
12-BIT GPIO PORT
Each Bit Individually Programmable
The
built-in
digital
temperature
sensor
enables
accurate (±2.5°C) local temperature measurement
User-Selectable Rail
whose value is captured in the user accessible
SPI-COMPATIBLE BUS
register.
User-Selectable Rail
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP92018_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92018 TI1-LMP92018_14 Datasheet
973Kb / 34P
[Old version datasheet]   LMP92018 Analog System Monitor and Controller
More results

Similar Description - LMP92018_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92018 TI1-LMP92018_14 Datasheet
973Kb / 34P
[Old version datasheet]   LMP92018 Analog System Monitor and Controller
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
LMP92001 TI-LMP92001_15 Datasheet
1Mb / 39P
[Old version datasheet]   LMP92001 Analog System Monitor and Controller
logo
Analog Devices
ADT7462 AD-ADT7462 Datasheet
1Mb / 92P
   Flexible Temperature and Voltage Monitor and System Fan Controller
REV. 0
logo
Linear Technology
LTC3350 LINER-LTC3350 Datasheet
762Kb / 46P
   High Current Supercapacitor Backup Controller and System Monitor
LTC3350EUHF LINER-LTC3350EUHF Datasheet
1Mb / 16P
   High Current Supercapacitor Backup Controller and System Monitor
logo
ON Semiconductor
ADT7462 ONSEMI-ADT7462 Datasheet
696Kb / 81P
   Flexible Temperature, Voltage Monitor, and System Fan Controller
January, 2010 ??Rev. 3
logo
Linear Technology
LTC3350 LINER-LTC3350_15 Datasheet
890Kb / 46P
   High Current Supercapacitor Backup Controller and System Monitor
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com