Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBT801-S Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # HBT801-S
Description  Applicable for automotive interior light
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HBT801-S Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button HBT801-S Datasheet HTML 4Page - Seoul Semiconductor HBT801-S Datasheet HTML 5Page - Seoul Semiconductor HBT801-S Datasheet HTML 6Page - Seoul Semiconductor HBT801-S Datasheet HTML 7Page - Seoul Semiconductor HBT801-S Datasheet HTML 8Page - Seoul Semiconductor HBT801-S Datasheet HTML 9Page - Seoul Semiconductor HBT801-S Datasheet HTML 10Page - Seoul Semiconductor HBT801-S Datasheet HTML 11Page - Seoul Semiconductor HBT801-S Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
8
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
HBT801-S - 801 Series Blue
Rev2.0, Aug 26, 2015
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 6. Relative Light Output vs. Junction Temperature, I
F = 20mA
Fig 7. Junction Temperature vs. Forward Voltage shift, I
F = 20mA
△I
V = IV / IV(25℃)
Junction Temperature [℃]
Junction Temperature [℃]
△V
F = VF - VF(25℃)
-40
-20
0
20
40
60
80
100
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-40
-20
0
20
40
60
80
100
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4


Similar Part No. - HBT801-S

ManufacturerPart #DatasheetDescription
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
HBT060ZGHH-A POWER-ONE-HBT060ZGHH-A Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
CINCON ELECTRONICS Corp...
HBT127 CINCON-HBT127 Datasheet
422Kb / 12P
   HEATSINK KIT for DC/DC CONVERTERS
logo
Hi-Sincerity Mocroelect...
HBT136AE HSMC-HBT136AE Datasheet
43Kb / 4P
   TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HBT137F-600 HUASHAN-HBT137F-600 Datasheet
201Kb / 3P
   INSULATED TYPE TRIAC (TO-220F PACKAGE)
More results

Similar Description - HBT801-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EMIBT809-S SEOUL-EMIBT809-S Datasheet
939Kb / 27P
   Applicable for automotive interior light
EBT801-S SEOUL-EBT801-S Datasheet
872Kb / 25P
   Applicable for automotive interior light
ELWT801-S05 SEOUL-ELWT801-S05 Datasheet
894Kb / 26P
   Applicable for automotive interior light
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
   Applicable for automotive interior light
LAT801-S SEOUL-LAT801-S Datasheet
827Kb / 23P
   Applicable for automotive interior light
ELWT809-S SEOUL-ELWT809-S Datasheet
896Kb / 25P
   Applicable for automotive interior light
LWT801-S SEOUL-LWT801-S Datasheet
893Kb / 26P
   Applicable for automotive interior light
HRT801-SB SEOUL-HRT801-SB Datasheet
825Kb / 24P
   Applicable for automotive interior light
ELWT809-SM SEOUL-ELWT809-SM Datasheet
941Kb / 25P
   Applicable for automotive interior light
ELWT801-S02 SEOUL-ELWT801-S02 Datasheet
908Kb / 26P
   Applicable for automotive interior light
ESKBT809-S SEOUL-ESKBT809-S Datasheet
1,017Kb / 27P
   Applicable for automotive interior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com