Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWT801G-S Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # HWT801G-S
Description  Applicable for automotive interior light
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HWT801G-S Datasheet(HTML) 1 Page - Seoul Semiconductor

  HWT801G-S Datasheet HTML 1Page - Seoul Semiconductor HWT801G-S Datasheet HTML 2Page - Seoul Semiconductor HWT801G-S Datasheet HTML 3Page - Seoul Semiconductor HWT801G-S Datasheet HTML 4Page - Seoul Semiconductor HWT801G-S Datasheet HTML 5Page - Seoul Semiconductor HWT801G-S Datasheet HTML 6Page - Seoul Semiconductor HWT801G-S Datasheet HTML 7Page - Seoul Semiconductor HWT801G-S Datasheet HTML 8Page - Seoul Semiconductor HWT801G-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
Features and Benefits
Key Applications
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
Rev4.0, Aug 26, 2015
1
HWT801G-S - 801 Series White
Product Data Sheet
Applicable for automotive interior light
HWT801G-S / STW0A12EA
801 Series White
This White Colored surface-mount LED
comes in standard package dimension.
Package Size: 3.5x2.8x1.9mm
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
White PLCC2 White Color
ESD min 2kV
MSL 2a Level
Viewing angle 120℃
AEC-Q101 Qualified
RoHS compliant
Interior automotive
Electronic sign and signals
Electrical Equipment, Home appliance
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
AEC-Q101
RoHS


Similar Part No. - HWT801G-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HWT801-S SEOUL-HWT801-S Datasheet
924Kb / 26P
   Applicable for automotive interior light
HWT801-SB SEOUL-HWT801-SB Datasheet
908Kb / 25P
   Applicable for automotive interior light
HWT801-SM SEOUL-HWT801-SM Datasheet
955Kb / 26P
   Applicable for automotive interior light
More results

Similar Description - HWT801G-S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EMIBT809-S SEOUL-EMIBT809-S Datasheet
939Kb / 27P
   Applicable for automotive interior light
EBT801-S SEOUL-EBT801-S Datasheet
872Kb / 25P
   Applicable for automotive interior light
ELWT801-S05 SEOUL-ELWT801-S05 Datasheet
894Kb / 26P
   Applicable for automotive interior light
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
   Applicable for automotive interior light
LAT801-S SEOUL-LAT801-S Datasheet
827Kb / 23P
   Applicable for automotive interior light
ELWT809-S SEOUL-ELWT809-S Datasheet
896Kb / 25P
   Applicable for automotive interior light
LWT801-S SEOUL-LWT801-S Datasheet
893Kb / 26P
   Applicable for automotive interior light
HRT801-SB SEOUL-HRT801-SB Datasheet
825Kb / 24P
   Applicable for automotive interior light
ELWT809-SM SEOUL-ELWT809-SM Datasheet
941Kb / 25P
   Applicable for automotive interior light
ELWT801-S02 SEOUL-ELWT801-S02 Datasheet
908Kb / 26P
   Applicable for automotive interior light
ESKBT809-S SEOUL-ESKBT809-S Datasheet
1,017Kb / 27P
   Applicable for automotive interior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com