Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMXB65UPE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMXB65UPE
Description  12 V, P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMXB65UPE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMXB65UPE_15 Datasheet HTML 1Page - NXP Semiconductors PMXB65UPE_15 Datasheet HTML 2Page - NXP Semiconductors PMXB65UPE_15 Datasheet HTML 3Page - NXP Semiconductors PMXB65UPE_15 Datasheet HTML 4Page - NXP Semiconductors PMXB65UPE_15 Datasheet HTML 5Page - NXP Semiconductors PMXB65UPE_15 Datasheet HTML 6Page - NXP Semiconductors PMXB65UPE_15 Datasheet HTML 7Page - NXP Semiconductors PMXB65UPE_15 Datasheet HTML 8Page - NXP Semiconductors PMXB65UPE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMXB65UPE
12 V, P-channel Trench MOSFET
PMXB65UPE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
8 July 2014
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
4
D
drain
Transparent top view
1
2
3
4
DFN1010D-3 (SOT1215)
017aaa259
G
D
S
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMXB65UPE
DFN1010D-3
DFN1010D-3: plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals; body 1.1 x 1.0 x 0.37 mm
SOT1215
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMXB65UPE
01 10 00
MARKING CODE
(EXAMPLE)
PIN 1
INDICATION MARK
VENDOR CODE
YEAR DATE
CODE
READING
DIRECTION
READING EXAMPLE:
11
01
10
aaa-008041
MARK-FREE AREA
Fig. 1. DFN1010D-3 (SOT1215) binary marking code description


Similar Part No. - PMXB65UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
More results

Similar Description - PMXB65UPE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
PMPB14XP NEXPERIA-PMPB14XP Datasheet
345Kb / 15P
   12 V, P-channel Trench MOSFET
3 July 2018
logo
NXP Semiconductors
PMCM4401VPE PHILIPS-PMCM4401VPE_15 Datasheet
325Kb / 15P
   12 V, P-channel Trench MOSFET
29 July 2015
logo
Nexperia B.V. All right...
PMPB07R3VP NEXPERIA-PMPB07R3VP Datasheet
301Kb / 14P
   12 V, P-channel Trench MOSFET
1 March 2021
PXP3R7-12QU NEXPERIA-PXP3R7-12QU Datasheet
321Kb / 14P
   12 V, P-channel Trench MOSFET
31 July 2023
PMPB15XPA NEXPERIA-PMPB15XPA Datasheet
302Kb / 14P
   12 V, P-channel Trench MOSFET
27 March 2018
PMPB09R5VP NEXPERIA-PMPB09R5VP Datasheet
322Kb / 14P
   12 V, P-channel Trench MOSFET
10 February 2021
PMPB13UP NEXPERIA-PMPB13UP Datasheet
330Kb / 14P
   12 V, P-channel Trench MOSFET
4 September 2019
logo
NXP Semiconductors
PMCM6501VPE PHILIPS-PMCM6501VPE_15 Datasheet
367Kb / 15P
   12 V, P-channel Trench MOSFET
10 August 2015
logo
Nexperia B.V. All right...
PMCM4401VPE NEXPERIA-PMCM4401VPE Datasheet
740Kb / 15P
   12 V, P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com