Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAW0LA0A Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # SAW0LA0A
Description  Superior high Flux for High Voltage System
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW0LA0A Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button SAW0LA0A Datasheet HTML 4Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 5Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 6Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 7Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 8Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 9Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 10Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 11Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW0LA0A - Acrich MJT 5050
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
8
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 9, 2015
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Characteristics Graph
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.31
0.32
0.33
0.34
0.35
CIE x
Fig 8. Junction Temperature vs. CIE x, y shift, I
F=40mA
25
50
75
100
125
-0.005
-0.004
-0.003
-0.002
-0.001
0.000
0.001
Junction Temperature [
oC]
CIE X
CIE Y
25℃
55℃
85℃
105℃
125℃


Similar Part No. - SAW0LA0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Similar Description - SAW0LA0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
   Superior high Flux for High Voltage System
SAW8LA0A SEOUL-SAW8LA0A Datasheet
859Kb / 25P
   Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
   Superior high Flux for High Voltage System
SAW8FS72A SEOUL-SAW8FS72A Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com