Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAW0LA0A Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SAW0LA0A
Description  Superior high Flux for High Voltage System
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW0LA0A Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SAW0LA0A Datasheet HTML 7Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 8Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 9Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 10Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 11Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 12Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 13Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 14Page - Seoul Semiconductor SAW0LA0A Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW0LA0A - Acrich MJT 5050
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 9, 2015
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
*Notes :
• Measurement Uncertainty of the Color Coordinates : ± 0.005
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
F5
F3
F1
F4
F2
F0
E5
E3
E1
E4
E2
D0
D5
D3
D1
D4
D2
E0
C5
C3
C1
C4
C2
C0
B5
B3
B1
B4
B2
B0
A3
A5
A1
A4
A2
A0
3200K
3500K
3700K
4000K
4200K
4500K
4700K
5000K
5300K
5600K
6000K
6500K
7000K
CIE X
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
3700K
4000K
4200K
4500K
4700K
5000K
5300K
5600K
6000K
6500K
7000K
CIE x
A
B
C
D
E
CIE Chromaticity Diagram T
j=25℃, IF=40mA


Similar Part No. - SAW0LA0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Similar Description - SAW0LA0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
   Superior high Flux for High Voltage System
SAW8LA0A SEOUL-SAW8LA0A Datasheet
859Kb / 25P
   Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
   Superior high Flux for High Voltage System
SAW8FS72A SEOUL-SAW8FS72A Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com