Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCM15L60GA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IKCM15L60GA
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM15L60GA Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IKCM15L60GA_15 Datasheet HTML 7Page - Infineon Technologies AG IKCM15L60GA_15 Datasheet HTML 8Page - Infineon Technologies AG IKCM15L60GA_15 Datasheet HTML 9Page - Infineon Technologies AG IKCM15L60GA_15 Datasheet HTML 10Page - Infineon Technologies AG IKCM15L60GA_15 Datasheet HTML 11Page - Infineon Technologies AG IKCM15L60GA_15 Datasheet HTML 12Page - Infineon Technologies AG IKCM15L60GA_15 Datasheet HTML 13Page - Infineon Technologies AG IKCM15L60GA_15 Datasheet HTML 14Page - Infineon Technologies AG IKCM15L60GA_15 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CIPOS™ IKCM15L60GA
Datasheet
11
Ver. 1.2, 2014-06-01
Thermistor
Description
Condition
Symbol
Value
Unit
min
typ
max
Resistor
TNTC = 25°C
RNTC
-
85
-
kΩ
B-constant of NTC
(Negative temperature coefficient)
B(25/100)
-
4092
-
K
Figure 7: Thermistor resistance – temperature curve and table
(For more information, please refer to the application note ‘AN CIPOS-mini 1 Technical description’)
Mechanical Characteristics and Ratings
Description
Condition
Value
Unit
min
typ
max
Mounting torque
M3 screw and washer
0.59
0.69
0.78
Nm
Flatness
Refer to Figure 8
-50
-
100
µm
Weight
-
6.15
-
g
Figure 8: Flatness measurement position


Similar Part No. - IKCM15L60GA_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM15L60GA INFINEON-IKCM15L60GA_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results

Similar Description - IKCM15L60GA_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com