Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN8R5-100PS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN8R5-100PS
Description  N-channel 100 V 8.5 m廓 standard level MOSFET in TO220
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN8R5-100PS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN8R5-100PS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN8R5-100PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN8R5-100PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN8R5-100PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN8R5-100PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN8R5-100PS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN8R5-100PS_15 Datasheet HTML 10Page - NXP Semiconductors PSMN8R5-100PS_15 Datasheet HTML 11Page - NXP Semiconductors PSMN8R5-100PS_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NXP Semiconductors
PSMN8R5-100PS
N-channel 100 V 8.5 mΩ standard level MOSFET in TO220
PSMN8R5-100PS
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
17 October 2013
8 / 14
003aah027
0
1
2
3
4
5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
Fig. 10. Gate-source threshold voltage as a function of
junction temperature
003aah028
10-6
10-5
10-4
10-3
10-2
10-1
0
2
4
6
VGS(V)
ID
(A)
max
typ
min
Fig. 11. Sub-threshold drain current as a function of
gate-source voltage
003aag818
0
0.6
1.2
1.8
2.4
3
-60
0
60
120
180
Tj (°C)
a
Fig. 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aak422
0
5
10
15
20
25
0
80
160
240
ID(A)
RDSon
(mΩ)
VGS(V) = 10
5
4.5
5.5
6
Fig. 13. Drain-source on-state resistance as a function
of drain current; typical values


Similar Part No. - PSMN8R5-100PS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN8R5-100PSF NEXPERIA-PSMN8R5-100PSF Datasheet
264Kb / 13P
   NextPower 100 V, 8.7 m廓 N-channel MOSFET in TO220package
More results

Similar Description - PSMN8R5-100PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN034-100PS NXP-PSMN034-100PS Datasheet
256Kb / 15P
   N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
Rev. 02-1 March 2010
PSMN5R6-100PS PHILIPS-PSMN5R6-100PS_15 Datasheet
237Kb / 13P
   N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
30 November 2012
logo
Nexperia B.V. All right...
PSMN8R5-100PS NEXPERIA-PSMN8R5-100PS Datasheet
735Kb / 14P
   N-channel 100 V 8.5 mΩ standard level MOSFET in TO220
17 October 2013
PSMN8R5-100ES NEXPERIA-PSMN8R5-100ES Datasheet
735Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN8R5-100ES PHILIPS-PSMN8R5-100ES_15 Datasheet
229Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
11 October 2012
PSMN4R6-60PS PHILIPS-PSMN4R6-60PS_15 Datasheet
233Kb / 14P
   N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 3-18 April 2012
PSMN017-80PS NXP-PSMN017-80PS Datasheet
253Kb / 14P
   N-channel 80 V 17 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN4R6-60PS NXP-PSMN4R6-60PS Datasheet
260Kb / 14P
   N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN1R5-40PS NXP-PSMN1R5-40PS Datasheet
275Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in TO220
15 July 2013
logo
Nexperia B.V. All right...
PSMN8R5-108ES NEXPERIA-PSMN8R5-108ES Datasheet
355Kb / 15P
   N-channel 108 V 8.5 m廓 standard level MOSFET in I2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com