Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN012-100YS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN012-100YS
Description  N-channel 100V 12m廓 standard level MOSFET in LFPAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN012-100YS Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN012-100YS_15 Datasheet HTML 1Page - NXP Semiconductors PSMN012-100YS_15 Datasheet HTML 2Page - NXP Semiconductors PSMN012-100YS_15 Datasheet HTML 3Page - NXP Semiconductors PSMN012-100YS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN012-100YS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN012-100YS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN012-100YS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN012-100YS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN012-100YS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PSMN012-100YS_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 23 February 2010
5 of 15
NXP Semiconductors
PSMN012-100YS
N-channel 100V 12m
Ω standard level MOSFET in LFPAK
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to mounting
base
see Figure 4
-
0.5
1.1
K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration; typical
values
003aad846
single shot
0.2
0.1
0.05
0.02
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s)
Zth(j-mb)
(K/W)
d = 0.5
tp
T
P
t
tp
T
δ =


Similar Part No. - PSMN012-100YS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN012-100YSF NEXPERIA-PSMN012-100YSF Datasheet
335Kb / 14P
   NextPower 100 V, 11.8 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
More results

Similar Description - PSMN012-100YS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN012-100YS NXP-PSMN012-100YS Datasheet
242Kb / 15P
   N-channel 100V 12m廓 standard level MOSFET in LFPAK
Rev. 04-23 February 2010
PSMN020-100YS PHILIPS-PSMN020-100YS_15 Datasheet
311Kb / 14P
   N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
26 March 2014
PSMN020-100YS NXP-PSMN020-100YS Datasheet
244Kb / 15P
   N-channel 100V 20.5m廓 standard level MOSFET in LFPAK
Rev. 02-7 January 2010
PSMN028-100YS NXP-PSMN028-100YS Datasheet
257Kb / 15P
   N-channel LFPAK 100V 27.5 m廓 standard level MOSFET
Rev. 02-30 March 2010
logo
Nexperia B.V. All right...
PSMN012-100YS NEXPERIA-PSMN012-100YS Datasheet
871Kb / 15P
   N-channel 100V 12mΩ standard level MOSFET in LFPAK
Rev. 04 - 23 February 2010
PSMN020-100YS NEXPERIA-PSMN020-100YS Datasheet
744Kb / 14P
   N-channel 100V 20.5mΩ standard level MOSFET in LFPAK
26 March 2014
PSMN028-100YS NEXPERIA-PSMN028-100YS Datasheet
817Kb / 15P
   N-channel LFPAK 100V 27.5 mΩ standard level MOSFET
Rev. 02 - 30 March 2010
logo
NXP Semiconductors
PSMN013-100BS NXP-PSMN013-100BS Datasheet
229Kb / 15P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
Rev. 01-6 January 2011
PSMN013-100BS PHILIPS-PSMN013-100BS_15 Datasheet
271Kb / 13P
   N-channel 100V 13.9m廓 standard level MOSFET in D2PAK
21 February 2014
PSMN013-100PS PHILIPS-PSMN013-100PS_15 Datasheet
235Kb / 14P
   N-channel 100V 13.9m廓 standard level MOSFET in TO220
10 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com