Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKCM20R60GD Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IKCM20R60GD
Description  Control Integrated POwer System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCM20R60GD Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IKCM20R60GD Datasheet HTML 6Page - Infineon Technologies AG IKCM20R60GD Datasheet HTML 7Page - Infineon Technologies AG IKCM20R60GD Datasheet HTML 8Page - Infineon Technologies AG IKCM20R60GD Datasheet HTML 9Page - Infineon Technologies AG IKCM20R60GD Datasheet HTML 10Page - Infineon Technologies AG IKCM20R60GD Datasheet HTML 11Page - Infineon Technologies AG IKCM20R60GD Datasheet HTML 12Page - Infineon Technologies AG IKCM20R60GD Datasheet HTML 13Page - Infineon Technologies AG IKCM20R60GD Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CIPOS™ IKCM20R60GD
Datasheet
10
Ver. 1.0, 2015-06-01
Dynamic Parameters
(VDD = 15V and TJ = 25°C, if not stated otherwise)
Description
Condition
Symbol
Value
Unit
min
typ
max
Turn-on propagation delay time
VLIN,HIN = 5V,
Iout = 15A,
VDC = 300V
ton
-
620
-
ns
Turn-on rise time
tr
-
30
-
ns
Turn-on switching time
tc(on)
-
200
-
ns
Reverse recovery time
trr
-
130
-
ns
Turn-off propagation delay time
VLIN,HIN = 0V,
Iout = 15A,
VDC = 300V
toff
-
910
-
ns
Turn-off fall time
tf
-
75
-
ns
Turn-off switching time
tc(off)
-
120
-
ns
Short circuit propagation delay time
From VIT,TH+ to 10% ISC
tSCP
-
1200
-
ns
Input filter time ITRIP
VITRIP = 1V
tITRIPmin
-
530
-
ns
Input filter time at LIN, HIN for turn
on and off
VLIN,HIN = 0V & 5V
tFILIN
-
290
-
ns
Fault clear time after ITRIP-fault
VITRIP = 1V
tFLTCLR
40
-
-
µs
IGBT turn-on energy (includes
reverse recovery of diode)
VDC = 300V, Tj = 25°C
Eon
-
-
470
610
-
-
µJ
IC = 15A
150°C
IGBT turn-off energy
VDC = 300V, Tj = 25°C
Eoff
-
-
270
360
-
-
µJ
IC = 15A
150°C
Diode recovery energy
VDC = 300V, Tj = 25°C
Erec
-
-
55 105
-
-
µJ
IC = 15A
150°C
Bootstrap Parameters
(TJ = 25°C, if not stated otherwise)
Description
Condition
Symbol
Value
Unit
min
typ
max
Repetitive peak reverse
voltage
VRRM
600
V
Bootstrap resistance of
U-phase1
VS2 or VS3 = 300V, TJ = 25°C
VS2 and VS3 = 0V, TJ = 25°C
VS2 or VS3 = 300V, TJ = 125°C
VS2 and VS3 = 0V, TJ = 125°C
RBS1
-
-
-
-
35
40
50
65
-
-
-
-
Reverse recovery time
IF = 0.6A, di/dt = 80A/µs
trr_BS
50
-
ns
Forward voltage drop
IF = 20mA, VS2 and VS3 = 0V
VF_BS
2.6
-
V
1 RBS2 and RBS3 have same values to RBS1.


Similar Part No. - IKCM20R60GD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCM20R60GD INFINEON-IKCM20R60GD_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.1 2016-08-01
More results

Similar Description - IKCM20R60GD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com