Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW30N65ES5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKW30N65ES5
Description  high Speed soft switching IGBT with full current rated RAPID 1 diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW30N65ES5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKW30N65ES5_15 Datasheet HTML 2Page - Infineon Technologies AG IKW30N65ES5_15 Datasheet HTML 3Page - Infineon Technologies AG IKW30N65ES5_15 Datasheet HTML 4Page - Infineon Technologies AG IKW30N65ES5_15 Datasheet HTML 5Page - Infineon Technologies AG IKW30N65ES5_15 Datasheet HTML 6Page - Infineon Technologies AG IKW30N65ES5_15 Datasheet HTML 7Page - Infineon Technologies AG IKW30N65ES5_15 Datasheet HTML 8Page - Infineon Technologies AG IKW30N65ES5_15 Datasheet HTML 9Page - Infineon Technologies AG IKW30N65ES5_15 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
IKW30N65ES5
TRENCHSTOPTM5softswitchingIGBT
Rev.2.1,2015-09-22
Turn-on delay time
td(on)
-
16
-
ns
Rise time
tr
-
6
-
ns
Turn-off delay time
td(off)
-
133
-
ns
Fall time
tf
-
33
-
ns
Turn-on energy
Eon
-
0.26
-
mJ
Turn-off energy
Eoff
-
0.17
-
mJ
Total switching energy
Ets
-
0.43
-
mJ
Tvj=25°C,
VCC=400V,IC=15.0A,
VGE=0.0/15.0V,
RG(on)=13.0
Ω,RG(off)=13.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
DiodeCharacteristic,atTvj=25°C
Diode reverse recovery time
trr
-
75
-
ns
Diode reverse recovery charge
Qrr
-
0.83
-
µC
Diode peak reverse recovery current
Irrm
-
18.0
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-900
-
A/µs
Tvj=25°C,
VR=400V,
IF=30.0A,
diF/dt=1200A/µs
Diode reverse recovery time
trr
-
52
-
ns
Diode reverse recovery charge
Qrr
-
0.60
-
µC
Diode peak reverse recovery current
Irrm
-
18.5
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-1315
-
A/µs
Tvj=25°C,
VR=400V,
IF=15.0A,
diF/dt=1900A/µs
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=150°C
Turn-on delay time
td(on)
-
17
-
ns
Rise time
tr
-
13
-
ns
Turn-off delay time
td(off)
-
149
-
ns
Fall time
tf
-
55
-
ns
Turn-on energy
Eon
-
0.77
-
mJ
Turn-off energy
Eoff
-
0.56
-
mJ
Total switching energy
Ets
-
1.33
-
mJ
Tvj=150°C,
VCC=400V,IC=30.0A,
VGE=0.0/15.0V,
RG(on)=13.0
Ω,RG(off)=13.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
Turn-on delay time
td(on)
-
16
-
ns
Rise time
tr
-
7
-
ns
Turn-off delay time
td(off)
-
179
-
ns
Fall time
tf
-
54
-
ns
Turn-on energy
Eon
-
0.41
-
mJ
Turn-off energy
Eoff
-
0.31
-
mJ
Total switching energy
Ets
-
0.72
-
mJ
Tvj=150°C,
VCC=400V,IC=15.0A,
VGE=0.0/15.0V,
RG(on)=13.0
Ω,RG(off)=13.0Ω,
L
σ=30nH,Cσ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.


Similar Part No. - IKW30N65ES5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW30N65EL5 INFINEON-IKW30N65EL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
IKW30N65ET7 INFINEON-IKW30N65ET7 Datasheet
1Mb / 17P
   Low Loss Duopack: IGBT with Trench and Fieldstop technology
V2.2 2020-11-11
More results

Similar Description - IKW30N65ES5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW50N65ES5 INFINEON-IKW50N65ES5_15 Datasheet
1Mb / 16P
   high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW40N65ES5 INFINEON-IKW40N65ES5_15 Datasheet
1Mb / 16P
   high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW75N65ES5 INFINEON-IKW75N65ES5_15 Datasheet
1Mb / 16P
   5 high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKFW75N65ES5 INFINEON-IKFW75N65ES5 Datasheet
1Mb / 15P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2020-07-27
IKFW90N65ES5 INFINEON-IKFW90N65ES5 Datasheet
1Mb / 15P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.2 2020-07-09
IKZ50N65ES5 INFINEON-IKZ50N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2017-04-26
IKZ75N65ES5 INFINEON-IKZ75N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2017-04-26
IKFW60N65ES5 INFINEON-IKFW60N65ES5 Datasheet
1Mb / 15P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2020-07-09
IKFW50N65ES5 INFINEON-IKFW50N65ES5 Datasheet
1Mb / 15P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2020-07-09
IKP28N65ES5 INFINEON-IKP28N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full rated current RAPID 1 fast and soft anti parallel diode
V2.1 2019-01-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com