Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR10M Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FR10M
Description  10 Amp Fast Recovery Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR10M Datasheet(HTML) 2 Page - Micro Commercial Components

  FR10M Datasheet HTML 1Page - Micro Commercial Components FR10M Datasheet HTML 2Page - Micro Commercial Components FR10M Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FR10A thru FR10M
MCC
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°
C
150
8
10
12
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.8
1.0
1.2
1.4
1.6
1.8
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
1
2
6
10
20
100
pF
Volts
60
40
4
400
1000
TJ=25°C
www.mccsemi.com


Similar Part No. - FR10M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR10M MCC-FR10M Datasheet
247Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SUNMATE electronic Co.,...
FR10M SUNMATE-FR10M Datasheet
421Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Thinki Semiconductor Co...
FR10M THINKISEMI-FR10M Datasheet
566Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
FR10M THINKISEMI-FR10M Datasheet
621Kb / 2P
   10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
More results

Similar Description - FR10M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR10A MCC-FR10A_13 Datasheet
267Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR1001GP MCC-FR1001GP Datasheet
454Kb / 3P
   10 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
   3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR601-R-6 YFWDIODE-FR601-R-6 Datasheet
397Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS2AFL MCC-FS2AFL Datasheet
334Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR601 YFWDIODE-FR601 Datasheet
95Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR501 CHENYI-FR501 Datasheet
48Kb / 3P
   5 Amp fast recovery rectifier 50 to 1000 volts
logo
Micro Commercial Compon...
FR151S MCC-FR151S Datasheet
232Kb / 4P
   1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2A-L MCC-FS2A-L Datasheet
104Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com