Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB3FR4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PUSB3FR4
Description  ESD protection for ultra high-speed interfaces
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3FR4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PUSB3FR4_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 9Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 10Page - NXP Semiconductors PUSB3FR4_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PUSB3FR4
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 26 January 2015
7 of 15
NXP Semiconductors
PUSB3FR4
ESD protection for ultra high-speed interfaces
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the
ESD protection during an ESD event. Do not connect unlimited DC current sources to the
data lines to avoid keeping the ESD protection device in snap-back state after exceeding
breakdown voltage (due to an ESD pulse for instance).
tp = 100 ns; Transmission Line Pulse (TLP)
tp = 100 ns; Transmission Line Pulse (TLP)
Fig 9.
Dynamic resistance with positive clamping;
typical values
Fig 10. Dynamic resistance with negative clamping;
typical values
tp = 5 ns; Transmission Line Pulse (TLP)
tp = 5 ns; Transmission Line Pulse (TLP)
Fig 11. Dynamic resistance with positive clamping;
typical values
Fig 12. Dynamic resistance with negative clamping;
typical values
VCL (V)
030
20
10
aaa-016322
10
20
30
IPP
(A)
0
VCL (V)
-30
0
-10
-20
aaa-016323
-20
-10
0
IPP
(A)
-30
VCL (V)
020
15
510
aaa-016324
10
5
15
20
IPP
(A)
0
VCL (V)
-12
0
-4
-8
aaa-016325
-8
-4
0
IPP
(A)
-12


Similar Part No. - PUSB3FR4_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3FR4 NEXPERIA-PUSB3FR4 Datasheet
678Kb / 15P
   ESD protection for ultra high-speed interfaces
More results

Similar Description - PUSB3FR4_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
   ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
PUSB3FR6 PHILIPS-PUSB3FR6_15 Datasheet
1Mb / 12P
   ESD protection for ultra high-speed interfaces
Rev. 1-25 February 2015
logo
Nexperia B.V. All right...
IP4292CZ10-TBR NEXPERIA-IP4292CZ10-TBR Datasheet
239Kb / 11P
   ESD protection for ultra high-speed interfaces
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
   ESD protection for ultra high-speed interfaces
PUSB3AB4 NEXPERIA-PUSB3AB4 Datasheet
976Kb / 12P
   ESD protection for ultra high-speed interfaces
PUSB3AB6 NEXPERIA-PUSB3AB6 Datasheet
1Mb / 13P
   ESD protection for ultra high-speed interfaces
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
   ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
PHDMI2AB4 NEXPERIA-PHDMI2AB4 Datasheet
811Kb / 14P
   ESD protection for ultra high-speed interfaces
8 June 2018
PUSB3F4-TBR NEXPERIA-PUSB3F4-TBR Datasheet
479Kb / 15P
   ESD protection for ultra high-speed interfaces
PUSB3FA2 NEXPERIA-PUSB3FA2 Datasheet
697Kb / 14P
   ESD protection for ultra high-speed interfaces
5 April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com