Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ2506F Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBJ2506F
Description  Ideal for printed circuit board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBJ2506F Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBJ2506F Datasheet HTML 1Page - HY ELECTRONIC CORP. GBJ2506F Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Rating 600V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has UL flammability
classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward
(with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 12.5A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 300mm*300mm*1.6mm Cu plate heatsink.
REV. 1, 18-Oct-2013
510
85
-55 to +150
-55 to +150
A
0.95
IR
10.0
μA
500
IFSM
350
I(AV)
25.0
Dimensions in inches and (milimeters)
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
600
For capacitive load, derate current by 20%
GBJ2506F
A
4.2
600
420
GBJ2506F
GLASS PASSIVATED
REVERSE VOLTAGE
- 600Volts
FORWARD CURRENT
- 25 Amperes
BRIDGE RECTIFIERS
GBJ
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.189(4.8)
.173(4.4)
.134(3.4)
.150(3.8)
.386(9.8)
.402(10.2) .303(7.7)
.287(7.3).287(7.3)
.303(7.7)
SPACING
.043(1.1)
.035(0.9)
.078(2.0)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
+
~ ~
_
.118(3.0)*45
°


Similar Part No. - GBJ2506F

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GBJ2506F YANGJIE-GBJ2506F Datasheet
149Kb / 4P
   Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ2506F SECOS-GBJ2506F_15 Datasheet
229Kb / 2P
   Low VF Glass Passivited Bridge Rectifiers
More results

Similar Description - GBJ2506F

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W Datasheet
391Kb / 2P
   Ideal for printed circuit board
logo
GeneSiC Semiconductor, ...
DB107G GENESIC-DB107G Datasheet
311Kb / 3P
   Ideal for printed circuit board
logo
HY ELECTRONIC CORP.
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
   Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
   Ideal for printed circuit board
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
   Ideal for printed circuit board
KBPC35005W SUNTAN-KBPC35005W Datasheet
505Kb / 2P
   Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com