Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB40SNA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMPB40SNA
Description  60 V N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMPB40SNA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMPB40SNA_15 Datasheet HTML 5Page - NXP Semiconductors PMPB40SNA_15 Datasheet HTML 6Page - NXP Semiconductors PMPB40SNA_15 Datasheet HTML 7Page - NXP Semiconductors PMPB40SNA_15 Datasheet HTML 8Page - NXP Semiconductors PMPB40SNA_15 Datasheet HTML 9Page - NXP Semiconductors PMPB40SNA_15 Datasheet HTML 10Page - NXP Semiconductors PMPB40SNA_15 Datasheet HTML 11Page - NXP Semiconductors PMPB40SNA_15 Datasheet HTML 12Page - NXP Semiconductors PMPB40SNA_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
PMPB40SNA
60 V N-channel Trench MOSFET
PMPB40SNA
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
29 October 2013
9 / 15
aaa-005321
VDS (V)
0.0
1.2
0.8
0.4
8
12
4
16
20
IS
(A)
0
Tj = 25 °C
Tj = 150 °C
VGS = 0 V
Fig. 16. Source current as a function of source-drain voltage; typical values
11. Test information
t1
t2
P
t
006aaa812
duty cycle δ =
t1
t2
Fig. 17. Duty cycle definition
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.


Similar Part No. - PMPB40SNA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB40SNA NXP-PMPB40SNA Datasheet
273Kb / 15P
   60 V N-channel Trench MOSFET
2 July 2013
logo
Nexperia B.V. All right...
PMPB40SNA NEXPERIA-PMPB40SNA Datasheet
394Kb / 16P
   60 V N-channel Trench MOSFET
29 October 2013
More results

Similar Description - PMPB40SNA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV450ENEA NEXPERIA-PMV450ENEA Datasheet
733Kb / 16P
   60 V, N-channel Trench MOSFET
PMN230ENEA NEXPERIA-PMN230ENEA Datasheet
270Kb / 14P
   60 V, N-channel Trench MOSFET
26 April 2019
PMN40SNA NEXPERIA-PMN40SNA Datasheet
288Kb / 15P
   60 V, N-channel Trench MOSFET
8 April 2021
PMCM950ENE NEXPERIA-PMCM950ENE Datasheet
475Kb / 14P
   60 V, N-channel Trench MOSFET
13 May 2019
PMX800ENE NEXPERIA-PMX800ENE Datasheet
274Kb / 14P
   60 V, N-channel Trench MOSFET
12 July 2023
PMN120ENE NEXPERIA-PMN120ENE Datasheet
270Kb / 15P
   60 V, N-channel Trench MOSFET
14 December 2017
PMV164ENE NEXPERIA-PMV164ENE Datasheet
273Kb / 15P
   60 V, N-channel Trench MOSFET
29 November 2021
PMV88ENE NEXPERIA-PMV88ENE Datasheet
270Kb / 15P
   60 V, N-channel Trench MOSFET
29 November 2021
logo
NXP Semiconductors
PMPB40SNA NXP-PMPB40SNA Datasheet
273Kb / 15P
   60 V N-channel Trench MOSFET
2 July 2013
NX7002BK PHILIPS-NX7002BK_15 Datasheet
273Kb / 16P
   60 V, N-channel Trench MOSFET
12 May 2015
logo
Nexperia B.V. All right...
PMV55ENEA NEXPERIA-PMV55ENEA Datasheet
737Kb / 16P
   60 V, N-channel Trench MOSFET
21 March 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com