Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8507L-D20-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 8507L-D20-T
Description  4mA COMPANDER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8507L-D20-T Datasheet(HTML) 1 Page - Unisonic Technologies

  8507L-D20-T Datasheet HTML 1Page - Unisonic Technologies 8507L-D20-T Datasheet HTML 2Page - Unisonic Technologies 8507L-D20-T Datasheet HTML 3Page - Unisonic Technologies 8507L-D20-T Datasheet HTML 4Page - Unisonic Technologies 8507L-D20-T Datasheet HTML 5Page - Unisonic Technologies 8507L-D20-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
8507
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R123-006.C
4mA COMPANDER
DESCRIPTION
The UTC 8507 is a automatic gain control system that is
used for dynamic range compression and expansion.
By companding the signal, this can reduce the noise
components.
The UTC 8507 includes compressor, expander,
pre-amp, filter amp, limiter and mute/bypath logic.
FEATURES
* Wide Supply Voltage (2.4 ~ 7V )
* Easy Gain Control
* Mute/Bypath Logic
* Data In/Out Pin
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
8507L-D20-T
8507G-D20-T
DIP-20
Tube
-
8507G-S20-R
SOP-20
Tape Reel
(1) T: Tube, R: Tape Reel
(2) D20: DIP-20, S20: SOP-20
(3) L: Lead Free, G: Halogen Free and Lead Free
8507L-D20-T
(1) Packing Type
(2) Package Type
(3) Green Package
MARKING
DIP-20
SOP-20


Similar Part No. - 8507L-D20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8507 UTC-8507 Datasheet
122Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Heyco.
8507 HEYCO-8507 Datasheet
151Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
8507 HEYCO-8507 Datasheet
143Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
logo
List of Unclassifed Man...
85070 ETC2-85070 Datasheet
308Kb / 1P
   LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
logo
Molex Electronics Ltd.
85070-0500 MOLEX9-85070-0500 Datasheet
384Kb / 2P
   4.00mm (0.157) SRC Heavy Duty Plug Housing, 84 Way, Nylon, Black
More results

Similar Description - 8507L-D20-T

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA8507 SILAN-SA8507 Datasheet
202Kb / 5P
   COMPANDER
logo
Unisonic Technologies
UTC571N UTC-UTC571N Datasheet
187Kb / 4P
   COMPANDER
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
   COMPANDER
logo
Hangzhou Youwang Electr...
UTC31101 YOUWANG-UTC31101 Datasheet
278Kb / 8P
   Compander
2005.11.30 V1.1
UTC571M YOUWANG-UTC571M Datasheet
621Kb / 17P
   Compander
2005.12.01
logo
Hynix Semiconductor
GL6551 HYNIX-GL6551 Datasheet
71Kb / 5P
   COMPANDER
logo
Mitsumi Electronics, Co...
MM1077 MITSUMI-MM1077 Datasheet
163Kb / 7P
   Compander IC
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com