Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3361BPG-D16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC3361BPG-D16-T
Description  LOW VOLTAGE/POWER NARROW BAND FM IF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC3361BPG-D16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  MC3361BPG-D16-T Datasheet HTML 1Page - Unisonic Technologies MC3361BPG-D16-T Datasheet HTML 2Page - Unisonic Technologies MC3361BPG-D16-T Datasheet HTML 3Page - Unisonic Technologies MC3361BPG-D16-T Datasheet HTML 4Page - Unisonic Technologies MC3361BPG-D16-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC3361BP
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R108-010.D
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Max. Supply Voltage
Vcc(MAX)
10
V
Supply Voltage Range
Vcc
2.5 to 7.0
V
Detector Input voltage
VI(DET)
1.0
Vp-p
RF Input Voltage (Vcc≧4.0V)
VI(RF)
1.0
Vrms
Mute Function
VMUTE
-0.5 ~ + 5.0
Vpeak
Operating Temperature
TOPR
-20 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Vcc=4.0V, fo=10.7MHz,
Δf=±3KHz, f
MOD=1KHz, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Squelch OFF (V12=2V)
4.0
mA
Operating Current
Icc
Squelch ON (V12=GND)
6.0
mA
Input Limiting Voltage
VI(LIMIT)
-3.0dB limiting
2.0
μV
Detector Output Voltage
VO(DET)
2.0
Vdc
Detector Output Impedance
ZO(DET)
400
Ω
Audio Output Voltage
VO
VIN=10mV
100
160
mVrms
Filter Gain
GV
f=10KHz,VIN=5mV
40
48
dB
Filter Output DC Voltage
VO(DC)
1.5
Vdc
Trigger Hysteresis of Filter
VTH
50
mV
Mute Switch-ON Resistance
RON(MUTE)
Mute “Low”
10
Ω
Mute Switch-OFF Resistance
ROFF(MUTE)
Mute “High”
10
M
Ω
Scan Control “Low” Output
VL(SCAN)
Mute OFF (V12=2V)
0.5
Vdc
Scan Control “High” Output
VH(SCAN)
Mute ON (V12=GND)
3.0
Vdc
Mixer Conversion Gain
GV(MIXER)
24
dB
Mixer Input Resistance
RI(MIXER)
3.3
K
Ω
Mixer Input Capacitance
CI(MIXER)
2.2
pF


Similar Part No. - MC3361BPG-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC3361BPG-D16-T UTC-MC3361BPG-D16-T Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
More results

Similar Description - MC3361BPG-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC3361BP UTC-UTCMC3361BP Datasheet
30Kb / 3P
   LOW VOLTAGE/POWER NARROW BAND FM IF
MC3361BP UTC-MC3361BP_10 Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
logo
Samsung semiconductor
S1T3361D SAMSUNG-S1T3361D Datasheet
130Kb / 6P
   LOW VOLTAGE/POWER NARROW BAND FM IF
logo
AUK corp
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
   LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
   LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
AUK corp
SL5018P AUK-SL5018P Datasheet
126Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
   LOW POWER NARROW BAND FM IF
logo
Hynix Semiconductor
GL3361 HYNIX-GL3361 Datasheet
41Kb / 4P
   Low Power Narrow Band FM IF
logo
AUK corp
SL5018 AUK-SL5018_1 Datasheet
129Kb / 5P
   LOW POWER NARROW BAND FM IF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com