Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34118G-S28-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # MC34118G-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34118G-S28-R Datasheet(HTML) 5 Page - Unisonic Technologies

  MC34118G-S28-R Datasheet HTML 1Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 2Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 3Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 4Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 5Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 6Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 7Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 8Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC34118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 15
www.unisonic.com.tw
QW-R108-007.F
ABSOLUTE MAXIMUM RATING (TA=25°С,Voltages referred to pin 22)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-1~7
V
Voltage at Pin 3
V3
-1~VCC+1
V
Voltage at Pin 12 ( mute)
V12
-1~VCC +1
V
Voltage at Pin 13 ( VLC)
V13
-1~VCC+0.5
V
Voltage at Pin 9, Pin 21, and Pin 2
V9, 21, 2
-0.5~ VCC+0.5
V
Storage Temperature
TSTR
-65~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V4
3.5~6.5
V
Voltage at Pin 3
V3
0~ VCC
V
Voltage at Pin 12 ( MUTE)
V12
0~ VCC
V
Voltage at Pin 13 ( VLC)
V13
0.3×VB~VB
V
IVB Current ( Pin 15)
IVB
500
µA
Attenuator Input Signal Voltage at Pin 9, Pin 21
V9, V21
350
mVrms
RXO, TXO(Pin8, Pin 22)
0~+-2
mA
MCO(Pin 10)
0~+-1
mA
Load Current
HTO-, HTO+(Pin 6, Pin5)
0~+-0.5
mA
Ambient Operating Temperature
TOPR
-20~+60
°С
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltages
VCC=6.5V, CD=0.8V
5.5
8
mA
V+ Supply Current
ICC
VCC =6.5V, CD=2V
600
800
μA
CD Input Resistance
RCD
VCC =VCD=6.5V
50
90
kΩ
High
VCDH
2
VCC
V
CD Input Voltage
Low
VCDL
0.8
V
VCC =3.5V
1.3
V
VB Output Voltage
VB
VCC =5V
1.8
2.1
2.4
VB Output Resistance
ROVB
IVB=1mA
400
VB Power Supply Rejection Ratio
PSRR
CVB=220µF, f=1kHz
54
dB
Attenuators
RX Mode, RXI=150mVrms
GRX
VCC=5V
4
6
8
dB
RX Mode, RXI=150mVrms
GRX
VCC =3.5V
4
6
8
dB
Gain Change
GRX1
VCC =3.5V vs. VCC =5V
-0.5
0
+0.5
dB
AGC Gain Change
GRX2
VCC =3.5V vs. VCC =5V
-25
-15
dB
Idle Mode, RXI=150mVrms
GRXI
-22
-20
-17
dB
Receive Attenuator
Gain
(f=1kHz, VLC=VB)
RX to TX Mode Range
GRX3
49
52
54
dB
Volume Control Range
VCR
27
35
dB
RXO DC Voltage
VRXO
RX Mode
VB
V
RXO DC Voltage
VRXO
RX to TX Mode
+-10 +-150 mV
RXO High Voltage
VRXOH
IOUT=-1mA, RXI=VB+1.5V
3.7
V
RXO Low Voltage
VRXOL
IOUT=+1mA, RXI=VB-1V,
Output Measured with
Respect to VB
-1.5
-1
V
RXI Input Resistance
RRXI
RXI<350mVrs
7
10
14
kΩ


Similar Part No. - MC34118G-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118G-S28-R UTC-MC34118G-S28-R Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Similar Description - MC34118G-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118 UTC-MC34118_09 Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B_15 Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Exar Corporation
XR-T65118A EXAR-XR-T65118A Datasheet
1Mb / 17P
   VOICE SWITCHED SPEAKER PHONE CIRCUIT
logo
Unisonic Technologies
UTCMC34118 UTC-UTCMC34118 Datasheet
314Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_15 Datasheet
266Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_05 Datasheet
308Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com