Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34118G-S28-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # MC34118G-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34118G-S28-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button MC34118G-S28-R Datasheet HTML 7Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 8Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 9Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 10Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 11Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 12Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 13Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 14Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC34118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 15
www.unisonic.com.tw
QW-R108-007.F
FUNCTIONAL DESCRIPTION(Cont.)
AGC
The AGC circuit only affects the circuit under such situation: when the circuit is in the receive mode, and when
VCC is less than 3.5v. As while as VCC falls below 3.5 volts, the transmit path attenuation changes so that the sum of
the transmit and receive gains remains constant.
ATTENUATOR CONTROL BLOCK
This block has the seven:
* C1: The output of the comparator operated by RLO2 and TLO2 (here means in microphone/ speaker side).
* C2: The output of the comparator operated by RLO1 and TLO1 (here means Tip/ Ring side).
* C3: The output of the transmit background noise monitor.
* C4: The output of the receive background noise monitor.
* Volume control
* Dial tone detector
* AGC circuit
The C1~C4 effect is as follows:
INPUTS
C1
C2
C3
C4
OUTPUT
TX
TX
1
X
Transmit Mode
TX
RX
Y
Y
Fast Idle Mode
RX
TX
Y
Y
Fast Idle Mode
RX
RX
X
1
Receive Mode
TX
TX
0
X
Slow Idle Mode
TX
RX
0
0
Slow Idle Mode
RX
TX
0
0
Slow Idle Mode
RX
RX
X
0
Slow Idle Mode
Switching to the full transmit or receive from any other mode is at the fast rate (~30 ms).
X :Don’t care
Y :C3,C4 are not both 0


Similar Part No. - MC34118G-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118G-S28-R UTC-MC34118G-S28-R Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Similar Description - MC34118G-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118 UTC-MC34118_09 Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B_15 Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Exar Corporation
XR-T65118A EXAR-XR-T65118A Datasheet
1Mb / 17P
   VOICE SWITCHED SPEAKER PHONE CIRCUIT
logo
Unisonic Technologies
UTCMC34118 UTC-UTCMC34118 Datasheet
314Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_15 Datasheet
266Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_05 Datasheet
308Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com