Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4082B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U4082B
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U4082B Datasheet(HTML) 2 Page - Unisonic Technologies

  U4082B_15 Datasheet HTML 1Page - Unisonic Technologies U4082B_15 Datasheet HTML 2Page - Unisonic Technologies U4082B_15 Datasheet HTML 3Page - Unisonic Technologies U4082B_15 Datasheet HTML 4Page - Unisonic Technologies U4082B_15 Datasheet HTML 5Page - Unisonic Technologies U4082B_15 Datasheet HTML 6Page - Unisonic Technologies U4082B_15 Datasheet HTML 7Page - Unisonic Technologies U4082B_15 Datasheet HTML 8Page - Unisonic Technologies U4082B_15 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U4082B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R108-020.A
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
FO
Output of filter. The output impedance is less than 50Ω.
2
FI
Input of filter. The input impedance is less than 1MΩ.
3
CD
Chip Disable input .A logic low (voltage lower than 0.8V) sets normal operation. A logic
high (voltage higher than 2V) disable the IC. This pin’s input impedance is 90 KΩ
nominally.
4
VCC
This pin requires a supply voltage of +2.8V ~ +6.5V at 5mA. After VCC falls from 3.5V ~
2.8V, when in the receive mode, an AGC circuit reduces the receive attenuator gain by
25dB.
5
HTO+
The output of the second hybrid amplifier. This amplifier’s gain is internally set at -1.
6
HTO-
Output of the first hybrid amplifier. This amplifier’s gain of the amplifier is set by
external resistors.
7
HTI
The first hybrid amplifier’s input and summing node. DC level is about equal to VB.
8
TXO
The transmit attenuator’s output. DC level is about VB.
9
TXI
The transmit attenuator’s input. It’s maximum signal level is 350 mVrms. The input
impedance is 10KΩ.
10
MCO
The microphone amplifier’s output. This amplifier’s gain is set by external resistors.
11
MCI
The summing node of the microphone’s input. DC lever is VB.
12
MUT
Input of mute. A logic low (voltage lower than 0.8V) sets the circuit normal operation. A
logic high (voltage higher than 2V) mutes the microphone amplifier, but it doesn’t affect
the rest of the circuit. The input impedance is 90 K ohms.
13
VLC
The input of Volume control. In the receive mode, when VLC=VB, the receive
attenuator is at maximum gain. The receive gain is down 35dB when VLC=0.3dB, and
it does not effect the transmit modes.
14
CT
At this pin, to switch modes, the RC sets the response time for the circuit.
15
VB
In this pin, there’s an output voltage=Vcc/2 which is a system AC ground and biases
the volume control. What required is a filter capacitor.
16
CPT
The time constant for the transmit background side can be set by the RC at this pin .
17
TLI2
The input to the transmit level detector which is on the microphone/ speaker side.
18
TLO2
The output to the transmit level detector which is on the microphone/ speaker side.
Also the input to the transmit background monitor.
19
RLO2
The Output of the receive level detector which is on the microphone/ speaker side
20
RLI2
The input to the receive level detector which is on the microphone/ speaker side
21
RXI
The input to the receive attenuator and dial tone detector. In this pin, the maximum
input level is 350mVrms,and the input impedance is 10KΩ.
22
RXO
The output of the receive attenuator. This pin’s DC level is VB.
23
TLI1
The input to the transmit level detector which is on the line side.
24
TLO1
The output to the transmit level detector which is on the line side, and also the input to
the transmit background monitor.
25
RLO1
The output of the receive level detector which is on the line side.
26
RLI1
The input to the receive level detector which is on the line side.
27
CPR
The time constant for the receive background monitor can be set by the RC at this pin.
28
GND
Ground.


Similar Part No. - U4082B_15

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4082B-MFLG ATMEL-U4082B-MFLG Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
U4082B-MFLG3G ATMEL-U4082B-MFLG3G Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
Unisonic Technologies
U4082BG-D28-T UTC-U4082BG-D28-T Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082BG-S28-R UTC-U4082BG-S28-R Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082BG-S28-T UTC-U4082BG-S28-T Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results

Similar Description - U4082B_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34118 UTC-MC34118_09 Datasheet
302Kb / 12P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Exar Corporation
XR-T65118A EXAR-XR-T65118A Datasheet
1Mb / 17P
   VOICE SWITCHED SPEAKER PHONE CIRCUIT
logo
Unisonic Technologies
UTCMC34118 UTC-UTCMC34118 Datasheet
314Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_15 Datasheet
266Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34118 UTC-MC34118_15 Datasheet
355Kb / 15P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
MC34018 UTC-MC34018_05 Datasheet
308Kb / 8P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
U4082B UTC-U4082B Datasheet
352Kb / 13P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
   LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com