Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTDA8024 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTDA8024
Description  IC CARD INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTDA8024 Datasheet(HTML) 5 Page - Unisonic Technologies

  UTDA8024 Datasheet HTML 1Page - Unisonic Technologies UTDA8024 Datasheet HTML 2Page - Unisonic Technologies UTDA8024 Datasheet HTML 3Page - Unisonic Technologies UTDA8024 Datasheet HTML 4Page - Unisonic Technologies UTDA8024 Datasheet HTML 5Page - Unisonic Technologies UTDA8024 Datasheet HTML 6Page - Unisonic Technologies UTDA8024 Datasheet HTML 7Page - Unisonic Technologies UTDA8024 Datasheet HTML 8Page - Unisonic Technologies UTDA8024 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
UTDA8024
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 15
www.unisonic.com.tw
QW-R113-014.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3~+6.5
V
DC/DC Converter Supply Voltage
VDDP
-0.3~+6.5
V
Voltage On Input and Output
Pins
Pins XTAL1, XTAL2, 5V/ V
3,
RSTIN, AUX1UC, AUX2UC,
I/OUC, CLKDIV1, CLKDIV2,
CMDVCC , OFF and PORADJ
VI, VO
-0.3~+6.5
V
Voltage On Card Pins
Pins PRES, PRES , I/O, RST,
AUX1, AUX2 and CLK
VCARD
-0.3~+6.5
V
Voltage On Other Pins
Pins VUP, S1 and S2
VN
-0.3~+6.5
V
Card Contacts in Typical
Application (Note 2)
Pins I/O, RST, VCC, AUX1, AUX2,
CLK, PRES and PRES
-6~+6
kV
Human Body
Model
-2~+2
kV
Electrostatic Discharge Voltage
All Pins (Note 2)
Machine Model
VESD
-200~+200
V
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All card contacts are protected against any short-circuit with any other card contact.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
in Free Air
θJA
100
K/W


Similar Part No. - UTDA8024

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTD10001001 TELEDYNE-UTD10001001 Datasheet
141Kb / 4P
   Analog Level Detectors 10 to 1000 MHz
UTD2002 TELEDYNE-UTD2002 Datasheet
106Kb / 4P
   Threshold Detector 10 to 2000 MHz
UTD2004 TELEDYNE-UTD2004 Datasheet
129Kb / 5P
   Threshold Detector 10 to 2000 MHz
logo
Unisonic Technologies
UTD20N03 UTC-UTD20N03 Datasheet
132Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER M OSFET
UTD20N03G-TN3-R UTC-UTD20N03G-TN3-R Datasheet
132Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER M OSFET
More results

Similar Description - UTDA8024

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com