Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCTN-RLY4-315 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FCTN-RLY4-315
Description  4-POSITION RELAY FUNCTION MODULE DATA GUIDE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCTN-RLY4-315 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FCTN-RLY4-315 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 3Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 4Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 5Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 6Page - List of Unclassifed Manufacturers FCTN-RLY4-315 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DESCRIPTION
The Relay Function Module is a member of
the Linx pre-certified OEM product line. The
modules have been tested for FCC and
Industry Canada compliance and can be
quickly customized to meet a specific OEM’s
labeling requirements. This greatly reduces
the time and expense of bringing an RF-
based product to market. The Relay
Function Modules provide four latched or
momentary relay outputs that are capable of
switching external AC or DC powered loads
of up to 5 amps. The Relay Modules
incorporate a Linx LR Series receiver and an
on-board Holtek decoder IC. Selectable
addressing provides security and allows the
creation of 256 distinct transmitter / receiver relationships to avoid unwanted
interaction when multiple systems are in use. When paired with a compatible Linx
OEM Handheld transmitter or transmitter module, the Relay Function Module serves
as a reliable wireless switching device at distances of up to 1,000 feet.
4-POSITION RELAY FUNCTION MODULE DATA GUIDE
1.770"
4.700"
5.775"
3.100"
3.200"
APPLICATIONS INCLUDE
General Remote Control
Motor Control
Garage / Gate Openers
Lighting Control
Call Systems
Home / Industrial Automation
Wire Elimination
Revised 1/28/08
Figure 1: Package Dimensions
WIRELESS MADE SIMPLE
®
FCC, Industry Canada pre-tested
Wide operational voltage
(5 to16VDC)
Dual power inputs
Long-life relays switch AC or DC
Flange-mount case
Quick-attach heavy-duty device
connectors
256 unique addresses
Can be cosmetically customized
for OEM applications
FEATURES
PART #
DESCRIPTION
FCTN-RLY4-315
Relay Function Module - 315MHz
FCTN-RLY4-418
Relay Function Module - 418MHz
FCTN-RLY4-433
Relay Function Module - 433MHz
ORDERING INFORMATION


Similar Part No. - FCTN-RLY4-315

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCTN-RLY4-315 ETC2-FCTN-RLY4-315 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE DESCRIPTION
FCTN-RLY4-315-2 ETC2-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE DESCRIPTION
logo
Linx Technologies
FCTN-RLY4-315-2 LINX-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
2011
FCTN-RLY4-315-2 LINX-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
1/14/11
More results

Similar Description - FCTN-RLY4-315

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
FCTN-RLY4-FFF-2 LINX-FCTN-RLY4-FFF-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
1/14/11
FCTN-RLY4-315-2 LINX-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
2011
logo
List of Unclassifed Man...
FCTN-RLY4-315 ETC2-FCTN-RLY4-315 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE DESCRIPTION
FCTN-WALL-315 ETC2-FCTN-WALL-315 Datasheet
486Kb / 7P
   AC FUNCTION MODULE DATA GUIDE
logo
Linx Technologies
FCTN-WALL-315 LINX-FCTN-WALL-315 Datasheet
489Kb / 7P
   AC FUNCTION MODULE DATA GUIDE
2011
logo
Littelfuse
03540507Z LITTELFUSE-03540507Z Datasheet
191Kb / 1P
   3-Position Micro Relay Module
logo
List of Unclassifed Man...
FCTN-DEC1-315 ETC2-FCTN-DEC1-315 Datasheet
145Kb / 5P
   OEM DECODER MODULE DATA GUIDE
logo
Sanyo Semicon Device
LC7815 SANYO-LC7815 Datasheet
333Kb / 8P
   2-Pole 4-Position Analog Function Switch
LC7816 SANYO-LC7816 Datasheet
293Kb / 7P
   2-Pole 4-Position Analog Function Switch
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com