Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCTN-WALL-418 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FCTN-WALL-418
Description  AC FUNCTION MODULE DATA GUIDE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCTN-WALL-418 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FCTN-WALL-418 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCTN-WALL-418 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCTN-WALL-418 Datasheet HTML 3Page - List of Unclassifed Manufacturers FCTN-WALL-418 Datasheet HTML 4Page - List of Unclassifed Manufacturers FCTN-WALL-418 Datasheet HTML 5Page - List of Unclassifed Manufacturers FCTN-WALL-418 Datasheet HTML 6Page - List of Unclassifed Manufacturers FCTN-WALL-418 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AC FUNCTION MODULE DATA GUIDE
WIRELESS MADE SIMPLE
®
DESCRIPTION
The AC Function Module is a member of
the Linx pre-certified OEM product line. The
module plugs directly into a wall receptacle
and is capable of switching devices at loads
of up to 1,800 watts (15 amps) or 1HP at up
to 120VAC. Devices under control connect
via a standard NEMA 5-15 North American
power plug. The AC Function module has
been UL approved and tested for FCC and
Industry Canada compliance. Front and
rear graphics can be quickly customized for
a truely unique product appearance. This
greatly reduces the time and expense of
bringing a wireless product to market. The
AC Function Module is durably constructed
using high quality components. When
paired with a compatible Holtek-based Linx
Handheld transmitter or a Linx transmitter
module, the AC Function Module provides
reliable wireless switching over distances
of up to 500 feet.
2.23"
Front
SIDE VIEW
0.95"
4.1"
SIDE VIEW
2.53"
4.1"
0.9"
APPLICATIONS INCLUDE
n General Remote Control
n Process Control
n Lighting Control
n Home / Industrial Automation
n Wire Elimination
n Heavy duty construction
n Switch 1,800 watts at 15 amps
n UL Approved
n FCC pre-tested
n 16 unique addresses
n Selectable group capabilities
n Standard NEMA 5-15 power plug
n Easy cosmetic customization
n Ideal for OEM applications
FEATURES
OEM Configurations
With a one-time NRE and minimum
order, Linx can configure the label areas
to meet your specific requirements.
Contact Linx for details.
Figure 1: Package Dimensions
Revised 7/27/2010
CAUTION
Indoor
us
e only
110-120V~
60Hz
180
0 W
atts
Max.
15 A
Tungsten
or Resisti
ve Load
1 HP
(15
FL
A Max.)
5 A
Electr
onic
Ballast
Appliance
Control
3TM8
E334278
PM1000
CAUTION
Indoor use only
110-120V~ 60Hz 1800 Watts Max.
15 A Tungsten or Resistive Load
1 HP (15 FLA Max.)
5 A Electronic Ballast
Appliance Control
3TM8
E334278
CAUTION
Indoor
use
only
110-120V~
60Hz
180
0 Wa
tts Max.
15
A Tungsten
or
Resisti
ve Load
1 HP
(15
FL
A Max.)
5 A
Electr
onic
Ballast
Appliance
Control
3TM8
E334278
PART #
DESCRIPTION
FCTN-WALL-315
AC Function Module - 315MHz
FCTN-WALL-418
AC Function Module - 418MHz
FCTN-WALL-433
AC Function Module - 433MHz
ORDERING INFORMATION


Similar Part No. - FCTN-WALL-418

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
FCTN-WALL-315 LINX-FCTN-WALL-315 Datasheet
489Kb / 7P
   AC FUNCTION MODULE DATA GUIDE
2011
More results

Similar Description - FCTN-WALL-418

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
FCTN-WALL-315 LINX-FCTN-WALL-315 Datasheet
489Kb / 7P
   AC FUNCTION MODULE DATA GUIDE
2011
logo
List of Unclassifed Man...
FCTN-RLY4-315 ETC2-FCTN-RLY4-315 Datasheet
258Kb / 7P
   4-POSITION RELAY FUNCTION MODULE DATA GUIDE
logo
Linx Technologies
FCTN-RLY4-FFF-2 LINX-FCTN-RLY4-FFF-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
1/14/11
FCTN-RLY4-315-2 LINX-FCTN-RLY4-315-2 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE
2011
logo
List of Unclassifed Man...
FCTN-RLY4-315 ETC2-FCTN-RLY4-315 Datasheet
327Kb / 7P
   4-POSITION RELAY FUNCTION MODULE 2 DATA GUIDE DESCRIPTION
FCTN-DEC1-315 ETC2-FCTN-DEC1-315 Datasheet
145Kb / 5P
   OEM DECODER MODULE DATA GUIDE
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
logo
List of Unclassifed Man...
RXM-900-HP3-PPO ETC2-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com