Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXM-900-HP3-PPS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RXM-900-HP3-PPS
Description  HP3 SERIES RECEIVER MODULE DATA GUIDE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM-900-HP3-PPS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RXM-900-HP3-PPS Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 6Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 7Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 8Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Page 3
-110
-100
-90
-80
-70
-60
-50
-40
1.0
1.5
2.0
2.5
3.0
RF INPUT (dBm)
Figure 5: Worst Case RSSI Response Time
Figure 3: RX Enabled to Valid Data
Figure 6: BER vs. Input Power (typical)
CH1 500mV
1
Delta 4.080mS
1mS
10
-6
10
-5
10
-4
10
-3
-92 -93 -94
-95
-96
-97
-98
-99
-100 -101 -102
BER
PIN (dBm)
Figure 4: Receiver RSSI
TYPICAL PERFORMANCE GRAPHS
Page 2
CH1 1.00V
CH2 2.00V
500uS
1
2
PDN
RX DATA
Delta 1.920mS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VCC
-0.3
to
+18.0
VDC
Any Input or Output Pin
-0.3
to
VCC
VDC
Operating Temperature
-30
to
+85
°C
Storage Temperature
-45
to
+85
°C
Soldering Temperature
+260°C for 10 seconds
*NOTE* Exceeding any of the limits of this section may lead to permanent
damage to the device. Furthermore, extended operation at these maximum
ratings may reduce the life of this device.
ELECTRICAL SPECIFICATIONS
Parameter
Designation
Min.
Typical
Max.
Units
Notes
POWER SUPPLY
Operating Voltage
VCC
2.8
3.0
13.0
VDC
Supply Current
ICC
16.0
19.0
21.0
mA
1
Power-Down Current
IPDN
5.6
10.0
µA
2
RECEIVE SECTION
Receive Frequency Range
FC
902.62
927.62
MHz
3
Center Frequency Accuracy
-50
+50
kHz
Channel Spacing
250
kHz
3
First IF Frequency
34.7
MHz
4
Second IF Frequency
10.7
MHz
4
Noise Bandwidth
N3DB
280
kHz
Data Rate
100
56,000
bps
Analog / Audio Bandwidth
50
28,000
Hz
4
Analog / Audio Output Level
0.8
1.1
2.0
VAC
5
Data Output:
Logic Low
0.0
0.5
VDC
6
Logic High
VCC-0.3
VCC
VDC
6
Output Impedance
17
kohms
Data Output Source Current
230
µA7
Receiver Sensitivity
-94
-100
-107
dBm
8,9
RSSI:
Dynamic Range
60
70
80
dB
4
Gain
24
mV/dB
4
Voltage With No Carrier
1.6
V
4
Spurious Emissions
-57
dBm
4
Interference Rejection:
FC±1MHz
54
dB
4
FC±5MHz
–57
dB
4
ANTENNA PORT
RF Input Impedance
ROUT
–50
Ω
4
TIMING
Receiver Turn-On Time:
via VCC
T4
7.0
mSec
4
via PDN
T3
3.0
mSec
4
Channel Change Time
T2
1.5
mSec
4
Max time between transitions
T1
20
mSec
4
ENVIRONMENTAL
Operating Temperature Range
-30
+85
°C4
1. Over the entire operating voltage range.
2. With the PDN pin low.
3. Serial mode.
4. Characterized, but not tested.
5. With 1kHz sine wave @ 115kHz transmitter deviation
6. No load.
7. With 1V output drop.
8. For 10-5 @ 9,600bps.
9. At specified center frequency.
Notes
Table 1: HP3 Series Receiver Specifications
PERFORMANCE DATA
These performance parameters
are based on module operation at
25°C from a 3.0VDC supply unless
otherwise
noted.
Figure
2
illustrates
the
connections
necessary
for
testing
and
operation. It is recommended all
ground pins be connected to the
ground plane. The pins marked NC
have no electrical connection.
Figure 2: Test / Basic Application Circuit
ANT
GND
GND
NC
NC
NC
NC
NC
NC
GND
GND
GND
GND
GND
NC
NC
NC
CS0
CS1 / SS CLOCK
NC
NC
NC
NC
CS2 / SS DATA
PDN
RSSI
NC
NC
MODE
VCC
AUDIO
NC
NC
DATA
NC
NC
5VDC
PC
PC
PC
PC


Similar Part No. - RXM-900-HP3-PPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-900-HP3-PPS ETC2-RXM-900-HP3-PPS Datasheet
403Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA
logo
Linx Technologies
RXM-900-HP3-PPS LINX-RXM-900-HP3-PPS Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
More results

Similar Description - RXM-900-HP3-PPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
RXM-900-HP3-PPO LINX-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
logo
List of Unclassifed Man...
RXM-900-HP3 ETC2-RXM-900-HP3 Datasheet
403Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
logo
List of Unclassifed Man...
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
logo
Linx Technologies
RXM-GPS-SR LINX-RXM-GPS-SR Datasheet
563Kb / 15P
   SR SERIES GPS RECEIVER MODULE DATA GUIDE
11/22/10
RXM-GPS-SG LINX-RXM-GPS-SG Datasheet
574Kb / 17P
   SG SERIES GPS RECEIVER MODULE DATA GUIDE
2010
logo
List of Unclassifed Man...
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com