Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXM-900-HP3-PPS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RXM-900-HP3-PPS
Description  HP3 SERIES RECEIVER MODULE DATA GUIDE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM-900-HP3-PPS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RXM-900-HP3-PPS Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 6Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 7Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 8Page - List of Unclassifed Manufacturers RXM-900-HP3-PPS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Page 9
Page 8
THE DATA OUTPUT
The DATA line outputs recovered digital data. It is an open collector output with
an internal 4.7k
Ω pull-up. When an RF transmission is not present, or when the
received signal strength is too low to ensure proper demodulation, the data
output is squelched continuous high. This feature supports direct operation with
UARTs, which require their input to be continuously high. An HP3 transmitter and
receiver can be directly connected between two UARTs without the need for
buffering or logical inversion. It should be noted that the squelch level is set just
over the receiver’s internal noise threshold. Any external RF activity above that
threshold will “break squelch” and produce hashing on the line. While the DATA
line will be reliably squelched in low-noise environments, the designer should
always plan for the potential of hashing.
AUDIO OUTPUT
The HP3 Series is optimized for the transmission of serial data; however, it can
also be used very effectively to send a variety of analog signals, including audio.
The ability of the HP3 to send combinations of audio and data opens new areas
of opportunity for creative design.
The analog output of the AUDIO line is valid from 50 Hz to 28 kHz, providing an
AC signal of about 1V peak-to-peak. This is a high impedance output and not
suitable for directly driving low-impedance loads, such as a speaker. In
applications where a low impedance load is to be driven, a buffer circuit should
always be used. For example, in the case of a speaker, a simple op-amp circuit
such as the one shown below can be used to act as an impedance converter.
The transmitter’s modulation voltage is critical, since it determines the carrier
deviation and distortion. The transmitter input level should be adjusted to
achieve the optimum results for your application in your circuit. Please refer to
the transmitter data guide for full details.
When used for audio, the analog output of the receiver should be filtered and
buffered to obtain maximum sound quality. For voice, a 3-4kHz low-pass filter is
often employed. For broader-range sources, such as music, a 12-17kHz cutoff
may be more appropriate. In applications that require high-quality audio, a
compandor may be used to further improve SNR. The HP3 is capable of
providing audio quality comparable to a radio or intercom. For applications where
true high fidelity audio is required, the HP3 will probably not be the best choice,
and a device optimized for audio should be utilized.
HP Analog Out
10k
6
2
3
+
4
LM386
5
0.05uF
1uF
250uF
10 ohm
VCC
Figure 12: Audio Buffer Amplifier
TIMING CONSIDERATIONS
There are four major timing considerations to be aware of when designing with
the HP3 Series receiver. These are shown in the table below.
T1 is the maximum amount of time that can elapse without a data transition. Data
must always be considered in both the analog and the digital domain. Because
the data stream is asynchronous and no particular format is imposed, it is
possible for the data to meet the receiver’s data rate requirement yet violate the
analog frequency requirements. For example, if a 255 (0FF hex) were sent
continuously, the receiver would view the data as a DC level. It would hold that
level until a transition was required to meet the minimum frequency specification.
If no transition occurred, data integrity could not be guaranteed. While no
particular structure or balancing requirement is imposed, the designer must
ensure that both analog and digital signals meet the transition specification.
T2 is the worst-case time needed for a powered-up module to switch between
channels after a valid channel selection. This time does not include external
overhead for loading a desired channel in the serial channel-selection mode.
T3 is the time to receiver readiness from the PDN line going high. Receiver
readiness is determined by valid data on the DATA line. This assumes an
incoming data stream and the presence of stable supply on VCC.
T4 is the time to receiver readiness from the application of VCC. Receiver
readiness is determined by valid data on the DATA line. This assumes an
incoming data stream and the PDN line is high or open.
RECEIVING DATA
Once an RF link has been established, the challenge becomes how to effectively
transfer data across it. While a properly designed RF link provides reliable data
transfer under most conditions, there are still distinct differences from a wired link
that must be addressed. Since the modules do not incorporate internal encoding
or decoding, the user has tremendous flexibility in how data is handled.
It is important to separate the types of transmissions that are technically possible
from those that are legally allowed in the country of operation. Application Notes
AN-00126, AN-00140 and Part 15, Section 249 of the FCC rules should be
reviewed for details on acceptable transmission content in the U.S.
If you want to transfer simple control or status signals (such as button presses)
and your product does not have a microprocessor or you wish to avoid protocol
development, consider using an encoder / decoder IC set. These chips are
available from several manufacturers, including Linx. They take care of all
encoding and decoding functions and provide a number of data lines to which
switches can be directly connected. Address bits are usually provided for
security and to allow the addressing of multiple receivers independently. These
ICs are an excellent way to bring basic remote control products to market quickly
and inexpensively. It is also a simple task to interface with inexpensive
microprocessors or one of many IR, remote control, DTMF, or modem ICs.
Parameter
Description
Max.
T1
Time between DATA output transitions
20.0mS
T2
Channel change time (time to valid data)
1.5mS
T3
Receiver turn-on time via PDN
3.0mS
T4
Receiver turn-on time via VCC
7.0mS


Similar Part No. - RXM-900-HP3-PPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-900-HP3-PPS ETC2-RXM-900-HP3-PPS Datasheet
403Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA
logo
Linx Technologies
RXM-900-HP3-PPS LINX-RXM-900-HP3-PPS Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
More results

Similar Description - RXM-900-HP3-PPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
RXM-900-HP3-PPO LINX-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
logo
List of Unclassifed Man...
RXM-900-HP3 ETC2-RXM-900-HP3 Datasheet
403Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
logo
List of Unclassifed Man...
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
logo
Linx Technologies
RXM-GPS-SR LINX-RXM-GPS-SR Datasheet
563Kb / 15P
   SR SERIES GPS RECEIVER MODULE DATA GUIDE
11/22/10
RXM-GPS-SG LINX-RXM-GPS-SG Datasheet
574Kb / 17P
   SG SERIES GPS RECEIVER MODULE DATA GUIDE
2010
logo
List of Unclassifed Man...
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com