Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY67A Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY67A
Description  200 MHz, 24 dB gain reverse amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY67A Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGY67A_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67A_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67A_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67A_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67A_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67A_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67A_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67A_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1997 Apr 09
2001 Oct 18
DISCRETE SEMICONDUCTORS
BGY67A
200 MHz, 24 dB gain reverse
amplifier
book, halfpage
M3D252


Similar Part No. - BGY67A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
More results

Similar Description - BGY67A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
logo
Quanzhou Jinmei Electro...
BGY67A_2015 JMNIC-BGY67A_2015 Datasheet
55Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
logo
NXP Semiconductors
BGY67A PHILIPS-BGY67A Datasheet
46Kb / 7P
   200 MHz, 24 dB gain reverse amplifier
Rev. 04-14 March 2005
BGY67 NXP-BGY67_01 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
2001 Oct 18
logo
Quanzhou Jinmei Electro...
BGY67 JMNIC-BGY67_15 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
logo
NXP Semiconductors
BGR269 NXP-BGR269 Datasheet
98Kb / 8P
   200 MHz, 35 dB gain reverse amplifier
Rev. 6-5 August 2010
logo
Quanzhou Jinmei Electro...
BGY67_2015 JMNIC-BGY67_2015 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
BGY66B_2015 JMNIC-BGY66B_2015 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
BGY66B JMNIC-BGY66B_15 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
logo
NXP Semiconductors
BGS67A PHILIPS-BGS67A Datasheet
49Kb / 8P
   65 MHz, 25.5 dB gain reverse amplifier
2002 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com