Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB136N08N3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPB136N08N3G
Description  Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB136N08N3G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPB136N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPB136N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPB136N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPB136N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPB136N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPB136N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPB136N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPB136N08N3G Datasheet HTML 9Page - Infineon Technologies AG IPB136N08N3G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IPP139N08N3 G IPI139N08N3 G
IPB136N08N3 G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R 9H"[Z#4R"T V I 9     V =H .
V =H"`T#4R"T V V =H4V 9H
@1B
1=5D
5B
 I 9
11 Typ. capacitances
12 Forward characteristics of reverse diode
C
4R"V 9H V =H .  f & " J
I <4R"V H9#
@1B
1=5D
5B
 T V
`e\
YMd
0
5
10
15
20
25
30
-60
-20
20
60
100
140
180
T j [°C]
  V 
  V 
0
1
2
3
4
-60
-20
20
60
100
140
180
T j [°C]
8U__
8[__
8^__
10
4
10
3
10
2
10
1
10
0
0
20
40
60
80
V DS [V]
  T
  T
  T    
  T    
10
3
10
2
10
1
10
0
0
0.5
1
1.5
2
2.5
V SD [V]
+ 5F  
@175 
  


Similar Part No. - IPB136N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB139N08N3G INFINEON-IPB139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results

Similar Description - IPB136N08N3G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com