Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY587B Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY587B
Description  550 MHz, 27 dB gain push-pull amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY587B Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGY587B_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587B_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587B_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587B_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587B_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587B_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587B_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587B_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Oct 22
3
Philips Semiconductors
Product specification
550 MHz, 27 dB gain push-pull amplifier
BGY587B
CHARACTERISTICS
Table 1
Bandwidth 40 to 550 MHz; Tcase =30 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 493.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 548.5 MHz.
2. Measured according to DIN45004B;
fp = 540.25 MHz; Vp =Vo = 66.5 dBmV;
fq = 547.25 MHz; Vq =Vo −6 dB;
fr = 549.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 538.25 MHz.
3. The module normally operates at VB = +24 V, but is able to withstand supply transients up to +30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 50 MHz
26.2
27.8
dB
f = 550 MHz
27.5
dB
SL
slope cable equivalent
f = 40 to 550 MHz
0.5
2.5
dB
FL
flatness of frequency response
f = 40 to 550 MHz
−±0.4
dB
S11
input return losses
f = 40 to 80 MHz
20
dB
f = 80 to 160 MHz
19
dB
f = 160 to 550 MHz
18
dB
S22
output return losses
f = 40 to 80 MHz
20
dB
f = 80 to 160 MHz
19
dB
f = 160 to 550 MHz
18
dB
CTB
composite triple beat
77 channels flat; Vo = 44 dBmV;
measured at 547.25 MHz
−−57
dB
Xmod
cross modulation
77 channels flat; Vo = 44 dBmV;
measured at 55.25 MHz
−−60
dB
CSO
composite second order
distortion
77 channels flat; Vo = 44 dBmV;
measured at 548.5 MHz
−−57
dB
d2
second order distortion
note 1
−−68
dB
Vo
output voltage
dim = −60 dB; note 2
61
dBmV
F
noise figure
f = 550 MHz
6.5
dB
Itot
total current consumption
DC value; VB = +24 V; note 3
340
mA


Similar Part No. - BGY587B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY587B NXP-BGY587B_01 Datasheet
55Kb / 8P
   550 MHz, 27 dB gain push-pull amplifier
2001 Oct 22
logo
Quanzhou Jinmei Electro...
BGY587B_2015 JMNIC-BGY587B_2015 Datasheet
55Kb / 8P
   550 MHz, 27 dB gain push-pull amplifier
More results

Similar Description - BGY587B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY587B NXP-BGY587B_01 Datasheet
55Kb / 8P
   550 MHz, 27 dB gain push-pull amplifier
2001 Oct 22
logo
Quanzhou Jinmei Electro...
BGY587B_2015 JMNIC-BGY587B_2015 Datasheet
55Kb / 8P
   550 MHz, 27 dB gain push-pull amplifier
OM7650 JMNIC-OM7650_15 Datasheet
52Kb / 7P
   550 MHz, 34 dB gain push-pull amplifier
BGY588C JMNIC-BGY588C_15 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588N JMNIC-BGY588N_15 Datasheet
55Kb / 8P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY585A_2015 JMNIC-BGY585A_2015 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
BGY587_2015 JMNIC-BGY587_2015 Datasheet
55Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
BGY585A JMNIC-BGY585A_15 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY585A NXP-BGY585A Datasheet
243Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
Rev. 6 - 29 September 2010
BGY587 NXP-BGY587 Datasheet
101Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
Rev. 5 - 20 September 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com