Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY887B Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY887B
Description  CATV amplifier module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY887B Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGY887B_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY887B_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY887B_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY887B_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY887B_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY887B_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY887B_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY887B_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY887B_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Apr 15
5
Philips Semiconductors
Product specification
CATV amplifier module
BGY887B
Table 3
Bandwidth 40 to 750 MHz; VB = 24 V; Tmb =30 °C; ZS =ZL =75 Ω
Notes
1. fp = 55.25 MHz; Vp = 44 dBmV;
fq = 691.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 746.5 MHz.
2. Measured according to DIN45004B:
fp = 740.25 MHz; Vp =Vo;
fq = 747.25 MHz; Vq =Vo −6 dB;
fr = 749.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 738.25 MHz.
3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 50 MHz
28.5
29.5
dB
f = 750 MHz
29
dB
SL
slope cable equivalent
f = 40 to 750 MHz
0.2
2.2
dB
FL
flatness of frequency response
f = 40 to 750 MHz
−±0.45
dB
S11
input return losses
f = 40 to 80 MHz
20
dB
f = 80 to 160 MHz
18.5
dB
f = 160 to 320 MHz
17
dB
f = 320 to 640 MHz
15.5
dB
f = 640 to 750 MHz
14
dB
S22
output return losses
f = 40 to 80 MHz
20
dB
f = 80 to 160 MHz
18.5
dB
f = 160 to 320 MHz
17
dB
f = 320 to 640 MHz
15.5
dB
f = 640 to 750 MHz
14
dB
CTB
composite triple beat
110 channels flat;
Vo = 44 dBmV;
measured at 745.25 MHz
−−50
dB
Xmod
cross modulation
110 channels flat;
Vo = 44 dBmV;
measured at 55.25 MHz
−−54
dB
CSO
composite second order distortion
110 channels flat;
Vo = 44 dBmV;
measured at 746.5 MHz
−−56
dB
d2
second order distortion
note 1
−−70
dB
Vo
output voltage
dim = −60 dB; note 2
59
dBmV
F
noise figure
see Table 1
−−
dB
Itot
total current consumption (DC)
note 3
340
mA


Similar Part No. - BGY887B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY887BO PHILIPS-BGY887BO Datasheet
57Kb / 8P
   Optical receiver module
1998 Mar 13
BGY887BO/FC1 PHILIPS-BGY887BO/FC1 Datasheet
57Kb / 8P
   Optical receiver module
1998 Mar 13
logo
Quanzhou Jinmei Electro...
BGY887B_2015 JMNIC-BGY887B_2015 Datasheet
62Kb / 12P
   CATV amplifier module
More results

Similar Description - BGY887B_15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com