Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY1085A Datasheet(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY1085A
Description  1000 MHz, 18.5 dB gain push-pull amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY1085A Datasheet(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGY1085A_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY1085A_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY1085A_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY1085A_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY1085A_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY1085A_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY1085A_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY1085A_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2001 Oct 25
5
Philips Semiconductors
Product specification
1000 MHz, 18.5 dB gain push-pull amplifier
BGY1085A
PACKAGE OUTLINE
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
4.15
3.85
2.4
38.1 25.4 10.2
4.2 44.75
8
0.25
0.1
3.8
bF
p
6-32
UNC
y
w
S
DIMENSIONS (mm are the original dimensions)
SOT115J
0
5
10 mm
scale
A
max.
D
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
D
U1
q
q2
q1
b
F
S
A
Z
p
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
d
max.
y M B
y M B
B
99-02-06
y M B


Similar Part No. - BGY1085A_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY1085A_2015 JMNIC-BGY1085A_2015 Datasheet
56Kb / 8P
   1000 MHz, 18.5 dB gain push-pull amplifier
More results

Similar Description - BGY1085A_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY1085A_2015 JMNIC-BGY1085A_2015 Datasheet
56Kb / 8P
   1000 MHz, 18.5 dB gain push-pull amplifier
BGY785A JMNIC-BGY785A_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain push-pull amplifier
BGY785A_2015 JMNIC-BGY785A_2015 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain push-pull amplifier
BGY885A JMNIC-BGY885A_15 Datasheet
67Kb / 12P
   860 MHz, 18.5 dB push-pull amplifier
BGY885A_2015 JMNIC-BGY885A_2015 Datasheet
67Kb / 12P
   860 MHz, 18.5 dB push-pull amplifier
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
   870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
logo
Quanzhou Jinmei Electro...
BGY587_2015 JMNIC-BGY587_2015 Datasheet
55Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
CGY887B_2015 JMNIC-CGY887B_2015 Datasheet
56Kb / 8P
   860 MHz, 27.8 dB gain push-pull amplifier
logo
NXP Semiconductors
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com