Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD95378BQ5MCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CSD95378BQ5MCT
Description  Synchronous Buck NexFET Smart Power Stage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD95378BQ5MCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD95378BQ5MCT Datasheet HTML 4Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 5Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 6Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 7Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 8Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 9Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 10Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 11Page - Texas Instruments CSD95378BQ5MCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
E2
K
e
L1
L
b
b1
E1
E
c1
c2
a1
D2
b2
b3
d
d1
d2
Exposed tie clip may vary
A
0.300 x 45°
CSD95378BQ5MC
SLPS463B – APRIL 2014 – REVISED JULY 2015
www.ti.com
9 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
9.1 Mechanical Drawing
MILLIMETERS
INCHES
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.950
1.000
1.050
0.037
0.039
0.041
a1
0.000
0.000
0.050
0.000
0.000
0.002
b
0.200
0.250
0.320
0.008
0.010
0.013
b1
2.750 TYP
0.108 TYP
b2
0.200
0.250
0.320
0.008
0.010
0.013
b3
0.250 TYP
0.010 TYP
c1
0.150
0.200
0.250
0.006
0.008
0.010
c2
0.200
0.250
0.300
0.008
0.010
0.012
D2
5.300
5.400
5.500
0.209
0.213
0.217
d
0.200
0.250
0.300
0.008
0.010
0.012
d1
0.350
0.400
0.450
0.014
0.016
0.018
d2
1.900
2.000
2.100
0.075
0.079
0.083
E
5.900
6.000
6.100
0.232
0.236
0.240
E1
4.900
5.000
5.100
0.193
0.197
0.201
E2
3.200
3.300
3.400
0.126
0.130
0.134
e
0.500 TYP
0.020 TYP
K
0.350 TYP
0.014 TYP
L
0.400
0.500
0.600
0.016
0.020
0.024
L1
0.210
0.310
0.410
0.008
0.012
0.016
θ
0.00
0.00
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: CSD95378BQ5MC


Similar Part No. - CSD95378BQ5MCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95378BQ5M TI1-CSD95378BQ5M Datasheet
828Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95378BQ5MT TI1-CSD95378BQ5MT Datasheet
828Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95378BQ5M TI-CSD95378BQ5M_15 Datasheet
800Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
CSD95378BQ5M TI1-CSD95378BQ5M_16 Datasheet
828Kb / 13P
[Old version datasheet]   CSD95378BQ5M Synchronous Buck NexFET??Smart Power Stage
More results

Similar Description - CSD95378BQ5MCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
[Old version datasheet]   Synchronous buck NexFET smart power stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95491Q5MC TI1-CSD95491Q5MC Datasheet
765Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95482RWJ TI1-CSD95482RWJ Datasheet
270Kb / 12P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95472Q5MC TI1-CSD95472Q5MC_16 Datasheet
259Kb / 11P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M_16 Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95490Q5MC TI1-CSD95490Q5MC Datasheet
766Kb / 14P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95480RWJ TI1-CSD95480RWJ Datasheet
816Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com